Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR04AM-12A-B-B00 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CR04AM-12A-B-B00
Description  Thyristor Low Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR04AM-12A-B-B00 Datasheet(HTML) 4 Page - Renesas Technology Corp

  CR04AM-12A-B-B00 Datasheet HTML 1Page - Renesas Technology Corp CR04AM-12A-B-B00 Datasheet HTML 2Page - Renesas Technology Corp CR04AM-12A-B-B00 Datasheet HTML 3Page - Renesas Technology Corp CR04AM-12A-B-B00 Datasheet HTML 4Page - Renesas Technology Corp CR04AM-12A-B-B00 Datasheet HTML 5Page - Renesas Technology Corp CR04AM-12A-B-B00 Datasheet HTML 6Page - Renesas Technology Corp CR04AM-12A-B-B00 Datasheet HTML 7Page - Renesas Technology Corp CR04AM-12A-B-B00 Datasheet HTML 8Page - Renesas Technology Corp CR04AM-12A-B-B00 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CR04AM-12A
Preliminary
R07DS0636EJ0100 Rev.1.00
Page 4 of 8
Jan 16, 2012
θ = 30°
60° 120°
90°
180°
θ = 30°
60°
120°
90°
180°
Allowable Ambient Temperature vs.
Average On-State Current
(Single-Phase Half Wave)
Allowable Ambient Temperature vs.
Average On-State Current
(Single-Phase Full Wave)
Allowable Ambient Temperature vs.
Average On-State Current
(Rectangular Wave)
160
120
60
40
20
140
100
80
0
θ = 30°
120°
180°
DC
270°
60°
90°
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
θ = 30° 60° 120°
90°
180°
270°
DC
160
120
60
40
20
140
100
80
0
0.8
0.6
0.3
0.2
0.1
0.7
0.5
0.4
0
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
0.8
0
0.2
0.4
0.6 0.7
0.1
0.3
0.5
160
120
60
40
20
140
100
80
0
θ = 30° 60°
120°
90°
180°
Maximum Average Power Dissipation
(Single-Phase Half Wave)
Average On-State Current (A)
Average On-State Current (A)
θ
360°
Resistive,
inductive loads
θ
360°
Resistive,
inductive loads
Natural convection
θ θ
360°
Resistive loads
Maximum Average Power Dissipation
(Single-Phase Full Wave)
Average On-State Current (A)
Average On-State Current (A)
Maximum Average Power Dissipation
(Rectangular Wave)
Average On-State Current (A)
Average On-State Current (A)
θ
360°
Resistive,
inductive loads
θ θ
360°
Resistive loads
Natural convection
θ
360°
Resistive,
inductive loads
Natural convection
θ = 30°
60° 120°
90°
180°


Similar Part No. - CR04AM-12A-B-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR04AM-12A RENESAS-CR04AM-12A_15 Datasheet
120Kb / 9P
   600V - 0.4A - Thyristor Low Power Use
More results

Similar Description - CR04AM-12A-B-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com