Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR40RM-12LB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR40RM-12LB
Description  Triac medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR40RM-12LB Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR40RM-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR40RM-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR40RM-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR40RM-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR40RM-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR40RM-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR40RM-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR40RM-12LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BCR40RM-12LB
Preliminary
R07DS0516EJ0100 Rev.1.00
Page 2 of 7
Oct 14, 2011
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
40
A
Commercial frequency, sine full wave
360°conduction, Tc = 61
C Note3
Surge on-state current
ITSM
400
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusion
I
2t
667
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction Temperature
Tj
–40 +150
C
Storage temperature
Tstg
–40 +150
C
Mass
5.2
g
Typical value
Isolation voltage
Viso
2000
V
Ta=25 , AC 1 minute
T1 T2 G terminal to case
Electrical Characteristics
Parameter
Symb
ol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
10.0
mA
Tj = 150
C, V
DRM applied
On-state voltage
VTM
1.55
V
Tc = 25
C, I
TM = 60A,
instantaneous measurement
VFGT
2.5
V

VRGT
2.5
V
Gate trigger voltage
Note2

VRGT
2.5
V
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
IFGT
50
mA

IRGT
50
mA
Gate trigger curent
Note2

IRGT
50
mA
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
Gate non-trigger voltage
VGD
0.2
V
Tj = 125
C, V
D = 1/2 VDRM
0.1
Tj = 150
C, V
D = 1/2 VDRM
Thermal resistance
Rth (j-c)
1.8
C/W
Junction to case
Note3
Critical-rate of rise of off-state
(dv/dt)c
20
V/
s
Tj = 125
C
commutation voltage
Note4
2
V/
s
Tj = 150
C
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. The contact thermal resistance Rth (c-f) in case of greasing is 0.5C/W.
4. Test conditions of the critical-rate of rise of off-state commutating voltage shown in the table below.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125/150
C
2.Rate of decay of on-state commutating current
(di/dt)c =-20 A/ms
3.Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c


Similar Part No. - BCR40RM-12LB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR40RM-12LB ISC-BCR40RM-12LB Datasheet
160Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR40RM-12LB RENESAS-BCR40RM-12LB_15 Datasheet
96Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR40RM-12LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com