Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR16PM-16LH Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR16PM-16LH
Description  Triac medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16PM-16LH Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR16PM-16LH Datasheet HTML 1Page - Renesas Technology Corp BCR16PM-16LH Datasheet HTML 2Page - Renesas Technology Corp BCR16PM-16LH Datasheet HTML 3Page - Renesas Technology Corp BCR16PM-16LH Datasheet HTML 4Page - Renesas Technology Corp BCR16PM-16LH Datasheet HTML 5Page - Renesas Technology Corp BCR16PM-16LH Datasheet HTML 6Page - Renesas Technology Corp BCR16PM-16LH Datasheet HTML 7Page - Renesas Technology Corp BCR16PM-16LH Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR16PM-16LH
Preliminary
R07DS0505EJ0100 Rev.1.00
Page 4 of 7
Jul 07, 2011
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
40
30
10
20
35
25
5
15
0
0
4
8
121620
0
4
8
121620
048
12
16
20
360° Conduction
Resistive,
inductive loads
160
120
100
60
20
0
4
2
01
3
40
80
140
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
40
160
120
100
60
20
0
80
140
40
160
120
100
60
20
0
80
140
60 60 t2.3
120 120 t2.3
100 100 t2.3
All fins are black painted
aluminum and greased
Curves apply
regardless of
conduction angle
Resistive,
inductive loads
Natural convection
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Typical Example
106
104
102
103
102
101
105
103
–40
0
40
80
120
160
–40
0
40
80
120
160
Typical Example


Similar Part No. - BCR16PM-16LH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR16PM-16LH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com