Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR10LM-16LH-1A8-B00 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR10LM-16LH-1A8-B00
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10LM-16LH-1A8-B00 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR10LM-16LH-1A8-B00 Datasheet HTML 1Page - Renesas Technology Corp BCR10LM-16LH-1A8-B00 Datasheet HTML 2Page - Renesas Technology Corp BCR10LM-16LH-1A8-B00 Datasheet HTML 3Page - Renesas Technology Corp BCR10LM-16LH-1A8-B00 Datasheet HTML 4Page - Renesas Technology Corp BCR10LM-16LH-1A8-B00 Datasheet HTML 5Page - Renesas Technology Corp BCR10LM-16LH-1A8-B00 Datasheet HTML 6Page - Renesas Technology Corp BCR10LM-16LH-1A8-B00 Datasheet HTML 7Page - Renesas Technology Corp BCR10LM-16LH-1A8-B00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0319EJ0100 Rev.1.00
Page 1 of 7
May 18, 2011
Preliminary Datasheet
BCR10LM-16LH
Triac
Medium Power Use
Features
• I
T (RMS) : 10 A
• V
DRM : 800 V
• I
FGTI, IRGTI, IRGT III : 50 mA or 35 mA (IGT item:1)
• High Commutation
• V
iso : 1800 V
• The Product guaranteed maximum junction
temperature 150
°C
• Planar Type
• Insulated Type
• UL Recognized : File No. E223904
Outline
RENESAS Package code: PRSS0003AF-A
(Package name: TO-220FL)
1
2
3
2
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
Applications
Switching mode power supply, motor control, heater control, and other general purpose AC power control applications
Maximum Ratings
Voltage class
Parameter
Symbol
16
Unit
Repetitive peak off-state voltage
Note1
VDRM
800
V
Non-repetitive peak off-state voltage
Note1
VDSM
960
V
Notes: 1. Gate open.
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
10
A
Commercial frequency, sine full wave
360
°conduction, Tc = 103°C Note3
Surge on-state current
ITSM
100
A
60 Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusion
I
2t
41.6
A
2s
Value corresponding to 1 cycle of half
wave 60 Hz, surge on-state current
Peak gate power dissipation
PGM
5
W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction Temperature
Tj
–40 to +150
°C
Storage temperature
Tstg
–40 to +150
°C
Mass
1.5
g
Typical value
Isolation voltage
Viso
1800
V
Ta = 25
°C, AC 1 minute,
T1 • T2 • G terminal to case
R07DS0319EJ0100
Rev.1.00
May 18, 2011


Similar Part No. - BCR10LM-16LH-1A8-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10LM-16LH RENESAS-BCR10LM-16LH_15 Datasheet
141Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR10LM-16LH-1A8-B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com