Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1152L-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK1152L-E
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1152L-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK1152L-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1152L-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0397EJ0300 Rev.3.00
Page 1 of 6
May 16, 2011
Preliminary Datasheet
2SK1151(L), 2SK1151(S),
2SK1152(L), 2SK1152(S)
Silicon N Channel MOS FET
Application
High speed power switching
Features
• Low on-resistance
• High speed switching
• Low drive current
• No secondary breakdown
• Suitable for switching regulator and DC-DC converter
Outline
RENESAS Package code: PRSS0004ZD-A
(Package name: DPAK(L)-(1))
1. Gate
2. Drain
3. Source
4. Drain
RENESAS Package code: PRSS0004ZD-C
(Package name: DPAK(S))
D
G
S
1
2
3
4
1
2
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
2SK1151
450
Drain to source voltage
2SK1152
VDSS
500
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
1.5
A
Drain peak current
ID(pulse)*
1
6
A
Body to drain diode reverse drain current
IDR
1.5
A
Channel dissipation
Pch*
2
20
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. Value at TC = 25°C
R07DS0397EJ0300
(Previous: REJ03G0907-0200)
Rev.3.00
May 16, 2011


Similar Part No. - 2SK1152L-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1152L-E RENESAS-2SK1152L-E Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
More results

Similar Description - 2SK1152L-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com