Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1070PIETL-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK1070PIETL-E
Description  Silicon N-Channel Junction FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1070PIETL-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK1070PIETL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R07DS0282EJ0300 Rev.3.00
Page 1 of 4
Mar 28, 2011
Preliminary Datasheet
2SK1070
Silicon N-Channel Junction FET
Application
 Low frequency / High frequency amplifier
Outline
1
2
3
1. Drain
2. Source
3. Gate
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Gate to drain voltage
VGDO
–22
V
Gate to source voltage
VGSO
–22
V
Drain current
ID
50
mA
Gate current
IG
10
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
R07DS0282EJ0300
(Previous: REJ03G0574-0200)
Rev.3.00
Mar 28, 2011


Similar Part No. - 2SK1070PIETL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1070PIETL-E RENESAS-2SK1070PIETL-E Datasheet
58Kb / 5P
   Silicon N-Channel Junction FET
More results

Similar Description - 2SK1070PIETL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com