Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6205DJ20 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM6205DJ20
Description  32K x 9 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6205DJ20 Datasheet(HTML) 7 Page - Motorola, Inc

  MCM6205DJ20 Datasheet HTML 1Page - Motorola, Inc MCM6205DJ20 Datasheet HTML 2Page - Motorola, Inc MCM6205DJ20 Datasheet HTML 3Page - Motorola, Inc MCM6205DJ20 Datasheet HTML 4Page - Motorola, Inc MCM6205DJ20 Datasheet HTML 5Page - Motorola, Inc MCM6205DJ20 Datasheet HTML 6Page - Motorola, Inc MCM6205DJ20 Datasheet HTML 7Page - Motorola, Inc MCM6205DJ20 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MCM6205D
7
MOTOROLA FAST SRAM
CASE 857–02
32 LEAD
300 MIL SOJ
S
S
B
0.25 (0.010)
S
S
A
0.17 (0.007)
G
L
K
-A-
-X-
1
16
17
32
M
F
D
P
-B-
E
C
R
S
NOTE 3
NOTE 4
NOTE 5
NOTE 5
RADIUS
32 PL
32 PL
DETAIL Z
0.10 (0.004)
SEATING
PLANE
-T-
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
E
F
G
K
L
N
P
R
S
20.83
7.50
3.26
0.41
2.24
0.67
0.89
0.76
8.38
6.60
0.77
21.08
7.74
3.75
0.50
2.48
0.81
1.14
1.14
8.64
6.86
1.01
0.820
0.295
0.128
0.016
0.088
0.026
0.035
0.030
0.330
0.260
0.030
0.830
0.305
0.148
0.020
0.098
0.032
0.045
0.045
0.340
0.270
0.040
1.27 BSC
0.64 BSC
0.050 BSC
0.025 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DATUM PLANE -X- LOCATED AT TOP OF MOLD
PARTING LINE AND COINCIDENT WITH TOP OF
LEAD, WHERE LEAD EXITS BODY.
4. TO BE DETERMINED AT PLANE -X-.
5. TO BE DETERMINED AT PLANE -T-.
6. DIMENSION A & B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
7. 857-01 IS OBSOLETE, NEW STANDARD 857-02.
S
S
A
0.17 (0.007)
S
S
B
0.17 (0.007)
PACKAGE DIMENSIONS
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.


Similar Part No. - MCM6205DJ20

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
logo
Motorola, Inc
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12 MOTOROLA-MCM6206BBEJ12 Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BBEJ12R MOTOROLA-MCM6206BBEJ12R Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6205DJ20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C188 CYPRESS-CY7C188_06 Datasheet
245Kb / 7P
   32K x 9 Static RAM
CY7C188 CYPRESS-CY7C188 Datasheet
149Kb / 8P
   32K x 9 Static RAM
logo
Motorola, Inc
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6206D MOTOROLA-MCM6206D Datasheet
162Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM62486B MOTOROLA-MCM62486B Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM6265C MOTOROLA-MCM6265C Datasheet
177Kb / 8P
   8K x 9 Bit Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com