Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM44D64 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM44D64
Description  1MB R4000 Secondary Cache Fast Static RAM Module Set
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM44D64 Datasheet(HTML) 6 Page - Motorola, Inc

  MCM44D64 Datasheet HTML 1Page - Motorola, Inc MCM44D64 Datasheet HTML 2Page - Motorola, Inc MCM44D64 Datasheet HTML 3Page - Motorola, Inc MCM44D64 Datasheet HTML 4Page - Motorola, Inc MCM44D64 Datasheet HTML 5Page - Motorola, Inc MCM44D64 Datasheet HTML 6Page - Motorola, Inc MCM44D64 Datasheet HTML 7Page - Motorola, Inc MCM44D64 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MCM4464 SERIES
6
MOTOROLA FAST SRAM
WRITE CYCLE 1 (WE Controlled, See Notes 1 and 2)
–12
–15
–17
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Address Setup Time
tAVWL
5
5
5
ns
A0 Setup Time
tA0VWL
0
0
0
ns
Address Valid to End of Write
tAVWH
12
15
17
ns
A0 Valid to End of Write
tA0VWH
10
12
14
ns
Write Pulse Width
tWLWH
tWLEH
7
10
12
ns
Data Valid to End of Write
tDVWH
6
7
8
ns
Data Hold Time
tWHDX
0
0
0
ns
Write Low to Data High–Z
tWLQZ
0
4
0
5
0
6
ns
3, 4
Write High to Output Active
tWHQX
3
3
3
ns
3, 4
Write Recovery Time
tWHAX
0
0
0
ns
Write Recovery Time – A0
tWHA0X
0
0
0
ns
NOTES:
1. A write occurs during the overlap of DCS or TCS low and WE low.
2. Enable timings are the same for both DCS and TCS.
3. Transition is measured 200 mV from steady–state voltage with load of Figure 1B.
4. This parameter is sampled and not 100% tested.
WRITE CYCLE 1
tA0VWL
DATA VALID
tAVWH
tWHDX
tWLQZ
tWHQX
HIGH–Z
A1 – A15
WE (WRITE ENABLE)
DCS/TCS
(DATA/TAG ENABLE)
Q (DATA OUT)
D (DATA IN)
tWLEH
tWHAX
tAVWL
A0
tWLWH
tDVWH
tWHA0X
tA0VWH
HIGH–Z


Similar Part No. - MCM44D64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM44D256B MOTOROLA-MCM44D256B Datasheet
81Kb / 8P
   4MB R4000 Secondary Cache Fast Static RAM Module Set
More results

Similar Description - MCM44D64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM44256B MOTOROLA-MCM44256B Datasheet
81Kb / 8P
   4MB R4000 Secondary Cache Fast Static RAM Module Set
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
logo
ACCUTEK MICROCIRCUIT CO...
AKCM6432T ACCUTEK-AKCM6432T_09 Datasheet
234Kb / 9P
   512KB SECONDARY CACHE MODULE
logo
Motorola, Inc
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
   256KB Secondary Cache Module
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
   128KB/256KB Secondary Cache Module
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
   1Mb x 16 Pseudo Static RAM
logo
Motorola, Inc
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com