Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1254-10SURD-S530-A3 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 1254-10SURD-S530-A3
Description  3.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

1254-10SURD-S530-A3 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  1254-10SURD-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 1254-10SURD-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 1254-10SURD-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 1254-10SURD-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 1254-10SURD-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 1254-10SURD-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET
LAMP
1254-10SURD/S530-A3
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : Nov.26. 2013. Issue No: DLE-0006292 _Rev.2
www.everlight.com
Pb
EL ECTROSTATICELECTRONAGNETIC
MAGNETICORRADIOACTIVERELDS
anti-staticfor 750
Moisture Resistant Packing Materials
Label Explanation
CPN: Customer's
Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
Packing Specification
Anti-electrostatic bag
Inner Carton
Outside Carton
RoHS
Pb
X
EVERLIGHT
1254-10SURD/S530-A3
Packing Quantity
1.1000 PCS/1 Bag, 4 Bags/1 Inner Carton
2. 10 Inner Cartons/1 Outside Carton


Similar Part No. - 1254-10SURD-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
1254-10SURD-S530-A3 EVERLIGHT-1254-10SURD-S530-A3 Datasheet
237Kb / 8P
   LAMP
More results

Similar Description - 1254-10SURD-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SYGD-S530-E3 EVERLIGHT-204-10SYGD-S530-E3 Datasheet
101Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYOC-S530-A3 EVERLIGHT-204-10UYOC-S530-A3 Datasheet
156Kb / 7P
   3.0mm Round Type LED Lamps
DLE-0001704 EVERLIGHT-DLE-0001704 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
116Kb / 6P
   3.0mm Round Type LED Lamps
1254-10UYD-S530-A3 EVERLIGHT-1254-10UYD-S530-A3 Datasheet
102Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3 EVERLIGHT-204-10UYD-S530-A3 Datasheet
138Kb / 7P
   3.0mm Round Type LED Lamps
1254-10SDRD-S530-A3 EVERLIGHT-1254-10SDRD-S530-A3 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
1254-10SYGD-S530-E2 EVERLIGHT-1254-10SYGD-S530-E2 Datasheet
98Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3-L EVERLIGHT-204-10UYD-S530-A3-L Datasheet
110Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYT-S530-A3 EVERLIGHT-204-10UYT-S530-A3_05 Datasheet
99Kb / 6P
   3.0mm Round Type LED Lamps
A264B-SUR-S530-A3-F14-9 EVERLIGHT-A264B-SUR-S530-A3-F14-9 Datasheet
108Kb / 6P
   3.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com