Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BUZ91A Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part No. BUZ91A
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

   
 8 page
background image
Semiconductor Group
8
07/96
BUZ 91 A
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 8 A, VDD = 50 V
R
GS = 25 Ω, L = 16.3 mH
20
40
60
80
100
120
°C
160
T
j
0
50
100
150
200
250
300
350
400
450
500
mJ
600
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 12 A
0
20
40
60
80
100
130
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
540
560
580
600
620
640
660
680
V
710
V
(BR)DSS




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BUZ102SLSIPMOS Power Transistor N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ111SSIPMOS Power Transistor N channel Enhancement mode Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ30ASIPMOS Power Transistor N channel Enhancement mode Avalanche-rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ345SIPMOS Power Transistor N channel Enhancement mode Avalanche-rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ61ASIPMOS Power Transistor N channel Enhancement mode Avalanche-rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ74ASIPMOS Power Transistor N channel Enhancement mode Avalanche-rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ10SIPMOS Power Transistor N channel Enhancement mode Avalanche-rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ103SIPMOS Power Transistor N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ111SLSIPMOS Power Transistor N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 1 2 3 4 5 MoreSiemens Semiconductor Group
BUZ31SIPMOS Power Transistor N channel Enhancement mode Avalanche-rated 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl