Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21XK2C-BXXXXXXXXX-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-21XK2C-BXXXXXXXXX-2T
Description  Low Power LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21XK2C-BXXXXXXXXX-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21XK2C-BXXXXXXXXX-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATASHEET
SMD
Low Power LED
67-21/XK2C-BXXXXXXXXXX/2T
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : 07.Mar.2012. Issue No: V6
Issue No:
DSE-0003513
www.everlight.com
Mass Production list
Product
CRI
Min.
CCT(K)
IV(mcd)
Min.
IV(mcd)
Typ.
IV(mcd)
Max.
Φ
(lm)
Typ.
67-21/LK2C-B56704C6CB2/2T
70
5650K~7000K
2200
2400
2600
7.40
67-21/LK2C-B50634C6CB2/2T
70
5000K~6300K
2200
2400
2600
7.40
67-21/LK2C-B45564C6CB2/2T
70
4500K~5650K
2200
2400
2600
7.40
67-21/LK2C-B38454C6CB2/2T
70
3800K~4500K
2200
2400
2600
7.40
67-21/LK2C-B28322C4CB2/2T
70
2850K~3250K
2000
2200
2400
6.80
Mass Production list
Product
CRI
Min.
CCT(K)
IV(mcd)
Min.
IV(mcd)
Typ.
IV(mcd)
Max.
Φ
(lm)
Typ.
67-21/QK2C-B56702C4CB2/2T
75
5650K~7000K
2000
2200
2400
6.80
67-21/QK2C-B50632C4CB2/2T
75
5000K~6300K
2000
2200
2400
6.80
67-21/QK2C-B45562C4CB2/2T
75
4500K~5650K
2000
2200
2400
6.80
67-21/QK2C-B38452C4CB2/2T
75
3800K~4500K
2000
2200
2400
6.80
67-21/QK2C-B28322C4CB2/2T
75
2850K~3250K
2000
2200
2400
6.80
Note:
1. Tolerance of Luminous flux: ±11%.
2. Lm (Typ.) value just for reference.


Similar Part No. - 67-21XK2C-BXXXXXXXXX-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21 EVERLIGHT-67-21 Datasheet
398Kb / 17P
   SMD Low Power LED
67-21-B3C-BN1Q2N-2T EVERLIGHT-67-21-B3C-BN1Q2N-2T Datasheet
176Kb / 10P
   Top View LEDs
67-21-B7C-AS2U1N-2T EVERLIGHT-67-21-B7C-AS2U1N-2T Datasheet
597Kb / 10P
   Top View LEDs
67-21-BHC-FP1Q2F-2T EVERLIGHT-67-21-BHC-FP1Q2F-2T Datasheet
213Kb / 10P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
More results

Similar Description - 67-21XK2C-BXXXXXXXXX-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
61-238XK2C-SXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-SXXXXXXXXXX-ET Datasheet
387Kb / 14P
   Low Power LED
45-21-XK2C-BXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXX-2T Datasheet
439Kb / 16P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com