Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4P025-WR-A Datasheet(PDF) 5 Page - Marktech Corporate

Part # MT4P025-WR-A
Description  HIGH POWER LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT4P025-WR-A Datasheet(HTML) 5 Page - Marktech Corporate

  MT4P025-WR-A Datasheet HTML 1Page - Marktech Corporate MT4P025-WR-A Datasheet HTML 2Page - Marktech Corporate MT4P025-WR-A Datasheet HTML 3Page - Marktech Corporate MT4P025-WR-A Datasheet HTML 4Page - Marktech Corporate MT4P025-WR-A Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VER.: 01 Date: 2009/06/17
Page: 4/4
Precautions:
TAKE NOTE OF THE FOLLOWING IN USE OF LED
1.
Temperature in use
Since the light generated inside the LED needs to be emitted to outside efficiently, a resin with
high light transparency is used; therefore, additives to improve the heat resistance or moisture
resistance (silica gel , etc) which are used for semiconductor products such as transistors
cannot be added to the resin.
Consequently, the heat resistant ability of the resin used for LED is usually low; therefore,
please be careful on the following during use.
Avoid applying external force, stress, and excessive vibration to the resins and terminals at
h igh temperature. The glass transition temperature of epoxy resin used for the LED is
approximately 120-130℃.
At a temperature exceeding this limit, the coefficient of liner expansion of the resin doubles or
more compared to that at normal temperature and the resin is softened.
If external force or stress is applied at that time, it may cause a wire rupture.
2. Soldering
Please be careful on the following at soldering.
After soldering, avoided applying external force, stress, and excessive vibration until the
products go to cooling process (normal temperature), <Same for products with terminal leads>
(1)
Soldering measurements:
Distance between melted solder side to bottom of resin shall be 1.6mm or longer.
(2)
Dip Soldering:
Pre-heat: 90℃ max. (Backside of PCB), Within 60 seconds.
Solder bath: 260±5℃ (Solder temperature), Within 5 seconds.
(3)
Hand Soldering : 350℃ max. (Temperature of soldering iron tip), Within 3 seconds
3. Insertion
Pitch of the LED leads and pitch of mounting holes need to be same
4. Others
Since the heat resistant ability of the LED resin is low, SMD components are used on the same
PCB, please mount the LED after adhesive baking process for SMD components. In case
adhesive baking is done after LED lamp insertion due to a production process reason, make
s ure not to apply external force, stress, and excessive vibration to the LED and follow the
con ditions below.
Ba king temperature: 120℃ max. Bak ing time: Within 60 seconds
If soldering is done sequentially after the adhesive baking, please perform the soldering after cooling down
the LED to normal temperature.
MT4P025-WR-A
HIGH POWER LED


Similar Part No. - MT4P025-WR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT4P025-WN-A MARKTECH-MT4P025-WN-A Datasheet
371Kb / 5P
   HIGH POWER LED
More results

Similar Description - MT4P025-WR-A

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com