Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C501G-L24N Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # SAF-C501G-L24N
Description  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAF-C501G-L24N Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SAF-C501G-L24N Datasheet HTML 7Page - Siemens Semiconductor Group SAF-C501G-L24N Datasheet HTML 8Page - Siemens Semiconductor Group SAF-C501G-L24N Datasheet HTML 9Page - Siemens Semiconductor Group SAF-C501G-L24N Datasheet HTML 10Page - Siemens Semiconductor Group SAF-C501G-L24N Datasheet HTML 11Page - Siemens Semiconductor Group SAF-C501G-L24N Datasheet HTML 12Page - Siemens Semiconductor Group SAF-C501G-L24N Datasheet HTML 13Page - Siemens Semiconductor Group SAF-C501G-L24N Datasheet HTML 14Page - Siemens Semiconductor Group SAF-C501G-L24N Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Semiconductor Group
11
1997-04-01
C501
PSEN
32
29
26
O
The Program Store Enable
output is a control signal that enables the
external program memory to the bus
during external fetch operations. It is
activated every six oscillator periods
except during external data memory
accesses. Remains high during internal
program execution.
RESET
10
9
4
I
RESET
A high level on this pin for two machine
cycles while the oscillator is running
resets the device. An internal diffused
resistor to
V
SS permits power-on reset
using only an external capacitor to
V
CC.
ALE/PROG 33
30
27
I/O
The Address Latch Enable
output is used for latching the low-byte of
the address into external memory during
normal operation. It is activated every six
oscillator periods except during an
external data memory access.
For the C501-1E this pin is also the
program pulse input (PROG) during OTP
memory programming.
EA/
V
PP
35
31
29
I
External Access Enable
When held at high level, instructions are
fetched from the internal ROM (C501-1R
and C501-1E) when the PC is less than
2000H. When held at low level, the C501
fetches all instructions from external
program memory. For the C501-L this
pin must be tied low.
This pin also receives the programming
supply voltage
V
PP during OTP memory
programming (C501-1E) only).
*) I
= Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-44 P-DIP-40 P-MQFP-44


Similar Part No. - SAF-C501G-L24N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAF-C503 SIEMENS-SAF-C503 Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-1R20N SIEMENS-SAF-C503-1R20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-1RN SIEMENS-SAF-C503-1RN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-L20N SIEMENS-SAF-C503-L20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAF-C503-LN SIEMENS-SAF-C503-LN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAF-C501G-L24N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com