Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN1188 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCN1188
Description  3:1 High Speed USB Switch with Audio and MHL Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN1188 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCN1188 Datasheet HTML 2Page - ON Semiconductor NCN1188 Datasheet HTML 3Page - ON Semiconductor NCN1188 Datasheet HTML 4Page - ON Semiconductor NCN1188 Datasheet HTML 5Page - ON Semiconductor NCN1188 Datasheet HTML 6Page - ON Semiconductor NCN1188 Datasheet HTML 7Page - ON Semiconductor NCN1188 Datasheet HTML 8Page - ON Semiconductor NCN1188 Datasheet HTML 9Page - ON Semiconductor NCN1188 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NCN1188
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
Min and Max limits apply for TA from −40°C to +85°C (unless otherwise noted). Typical values are referenced to VCC = 3.6 V,
TA = +25°C (unless otherwise noted).
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
SWITCHES TIMING CHARACTERISCTICS
tPD
Propagation Delay
(Notes 6 and 7)
0.25
ns
tON
Turn On Time
VIS = 1 V, RL = 50 W, CL = 7 pF
(fixture only)
2.2
ms
tOFF
Turn Off Time
VIS = 1 V, RL = 50 W, CL = 7 pF
(fixture only)
67
ns
tb−b
Bit−to−Bit Skew
Within the same differential
channel
5
ps
tch−ch
Channel−to−Channel Skew
Maximum skew between all
channels
15
ps
6. Specification guarantee by design
7. No other delays than the RC network formed by the load resistance and the load capacitance of the switch are added on the bus. For a 10 pF
load, this delay is 5 ns which is much smaller than rise and fall time of typical driving systems. Propagation delays on the bus are determined
by the driving circuit on the driving side and its interactions with the load of the driven side.
TABLE OF GRAPHS
Symbol
Parameter
Figure
480pEYE
MHL Video 480p, 60fps Eye Diagram
5, 6
720pEYE
1080iEYE
MHL Video 720p, 60fps Eye Diagram
MHL Video 1080i, 30fps Eye Diagram
7, 8
USB2.0EYE
USB 2.0 High Speed 480 Mbps Eye Diagram
9, 10
USB1.1EYE
USB 1.1 Full Speed 12 Mbps Eye Diagram
11, 12
USB1.0EYE
USB 1.0 Low Speed 1.5 Mbps Eye Diagram
13, 14
ICC
Product Supply Current
vs. VCC
15
RON
Data Path On Resistance
vs. VIS
16
DIL
Data Switch Differential Insertion Loss
vs. Frequency
17
DISO
Data Switch Differential Off Isolation
vs. Frequency
18
DCTK
Data Switch Differential Crosstalk
vs. Frequency
19
RON
Audio Path On Resistance
vs. VIS
20
THDAUD
Audio THD
vs. Frequency
21


Similar Part No. - NCN1188

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1188 ONSEMI-NCN1188 Datasheet
883Kb / 14P
   3:1 High Speed USB Switch with Audio and MHL Capability
January, 2016 ??Rev. 4
NCN1188MUTAG ONSEMI-NCN1188MUTAG Datasheet
883Kb / 14P
   3:1 High Speed USB Switch with Audio and MHL Capability
January, 2016 ??Rev. 4
NCN1188 ONSEMI-NCN1188_16 Datasheet
883Kb / 14P
   3:1 High Speed USB Switch with Audio and MHL Capability
January, 2016 ??Rev. 4
More results

Similar Description - NCN1188

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1188 ONSEMI-NCN1188_16 Datasheet
883Kb / 14P
   3:1 High Speed USB Switch with Audio and MHL Capability
January, 2016 ??Rev. 4
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
logo
Fairchild Semiconductor
FSA3041 FAIRCHILD-FSA3041 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??/ Audio / UART Switch
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154 Datasheet
369Kb / 8P
   DP3T USB 2.0 High Speed / Audio Switch with Negative Swing Capability
June, 2010 ??Rev. 1
NS5S1153 ONSEMI-NS5S1153 Datasheet
306Kb / 9P
   DPDT USB 2.0 High Speed / Audio Switch with Negative Swing Capability
December, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FSA3341 FAIRCHILD-FSA3341 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com