Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC4051 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74VHC4051
Description  Analog Multiplexers/Demultiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC4051 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC4051 Datasheet HTML 1Page - ON Semiconductor MC74VHC4051 Datasheet HTML 2Page - ON Semiconductor MC74VHC4051 Datasheet HTML 3Page - ON Semiconductor MC74VHC4051 Datasheet HTML 4Page - ON Semiconductor MC74VHC4051 Datasheet HTML 5Page - ON Semiconductor MC74VHC4051 Datasheet HTML 6Page - ON Semiconductor MC74VHC4051 Datasheet HTML 7Page - ON Semiconductor MC74VHC4051 Datasheet HTML 8Page - ON Semiconductor MC74VHC4051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MC74VHC4051, MC74VHC4052, MC74VHC4053
http://onsemi.com
5
DC CHARACTERISTICS — Digital Section (Voltages Referenced to GND) VEE = GND, Except Where Noted
Symbol
Parameter
Condition
VCC
V
Guaranteed Limit
Unit
−55 to 25°C
≤85°C
≤125°C
VIH
Minimum High−Level Input
Voltage, Channel−Select or
Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
6.0
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
1.50
2.10
3.15
4.20
V
VIL
Maximum Low−Level Input
Voltage, Channel−Select or
Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
Iin
Maximum Input Leakage Current,
Channel−Select or Enable Inputs
Vin = VCC or GND,
VEE = − 6.0 V
6.0
± 0.1
± 1.0
± 1.0
μA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND;
VEE = GND
VIO = 0 V
VEE = − 6.0
6.0
6.0
1
4
10
40
40
80
μA
DC ELECTRICAL CHARACTERISTICS Analog Section
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
Ron
Maximum “ON” Resistance
Vin = VIL or VIH
VIS = VCC to VEE
IS v 2.0 mA
(Figures 5 through 11)
3.0
4.5
4.5
6.0
0.0
0.0
– 4.5
– 6.0
200
160
120
100
240
200
150
125
320
280
170
140
Ω
Vin = VIL or VIH
VIS = VCC or VEE (Endpoints)
IS v 2.0 mA
(Figures 5 through11)
3.0
4.5
4.5
6.0
0.0
0.0
– 4.5
– 6.0
150
110
90
80
180
140
120
100
230
190
140
115
ΔRon
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIL or VIH
VIS = 1/2 (VCC − VEE)
IS v 2.0 mA
3.0
4.5
4.5
6.0
0.0
0.0
– 4.5
– 6.0
40
20
10
10
50
25
15
12
80
40
18
14
Ω
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC − VEE;
Switch Off (Figure 12)
6.0
− 6.0
0.1
0.5
1.0
μA
Maximum Off−ChannelVHC4051
Leakage Current,
VHC4052
Common Channel
VHC4053
Vin = VIL or VIH;
VIO = VCC − VEE;
Switch Off (Figure 13)
6.0
6.0
6.0
− 6.0
− 6.0
− 6.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
Ion
Maximum On−Channel VHC4051
Leakage Current,
VHC4052
Channel−to−Channel VHC4053
Vin = VIL or VIH;
Switch−to−Switch =
VCC − VEE; (Figure 14)
6.0
6.0
6.0
− 6.0
− 6.0
− 6.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
μA


Similar Part No. - MC74VHC4051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
401Kb / 16P
   Analog Multiplexers / Demultiplexers High-Performance Silicon-Gate CMOS
March, 2006 -- Rev. 5
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
206Kb / 17P
   Analog Multiplexers Demultiplexers
May, 2011 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC74VHC4051D ONSEMI-MC74VHC4051D Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
More results

Similar Description - MC74VHC4051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com