Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC4851A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC4851A
Description  Analog Multiplexers/Demultiplexers with Injection Current Effect Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4851A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC4851A Datasheet HTML 1Page - ON Semiconductor MC74HC4851A Datasheet HTML 2Page - ON Semiconductor MC74HC4851A Datasheet HTML 3Page - ON Semiconductor MC74HC4851A Datasheet HTML 4Page - ON Semiconductor MC74HC4851A Datasheet HTML 5Page - ON Semiconductor MC74HC4851A Datasheet HTML 6Page - ON Semiconductor MC74HC4851A Datasheet HTML 7Page - ON Semiconductor MC74HC4851A Datasheet HTML 8Page - ON Semiconductor MC74HC4851A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 9
1
Publication Order Number:
MC74HC4851A/D
MC74HC4851A,
MC74HC4852A
Analog Multiplexers/
Demultiplexers with
Injection Current Effect
Control
Automotive Customized
These devices are pin compatible to standard HC405x and
MC1405xB analog mux/demux devices, but feature injection current
effect control. This makes them especially suited for usage in
automotive applications where voltages in excess of normal logic
voltage are common.
The injection current effect control allows signals at disabled analog
input channels to exceed the supply voltage range without affecting
the signal of the enabled analog channel. This eliminates the need for
external diode/ resistor networks typically used to keep the analog
channel signals within the supply voltage range.
The devices utilize low power silicon gate CMOS technology. The
Channel Select and Enable inputs are compatible with standard CMOS
outputs.
Features
Injection Current Cross−Coupling Less than 1mV/mA (See Figure 9)
Pin Compatible to HC405X and MC1405XB Devices
Power Supply Range (VCC − GND) = 2.0 to 6.0 V
In Compliance With the Requirements of JEDEC Standard No. 7A
Chip Complexity: 154 FETs or 36 Equivalent Gates
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
1
16
PDIP−16
N SUFFIX
CASE 648
1
16
1
16
1
16
MC74HC485xAN
AWLYYWWG
1
16
HC485xAG
AWLYWW
HC48
5xA
ALYWG
G
1
16
x
= 1 or 2
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
1
16
SOIC−16 WIDE
DW SUFFIX
CASE 751G
1
16
HC4851A
AWLYWWG
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC74HC4851A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
210Kb / 16P
   Analog Multiplexers/ Demultiplexers
October, 2016 ??Rev. 21
MC74HC4851AD ONSEMI-MC74HC4851AD Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
MC74HC4851AD ONSEMI-MC74HC4851AD Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
More results

Similar Description - MC74HC4851A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4851A ONSEMI-MC74HC4851A_05 Datasheet
207Kb / 14P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
June, 2005 ??Rev. 6
MC74HC4851A ONSEMI-MC74HC4851A Datasheet
294Kb / 12P
   Analog Multiplexers/Demultiplexers with Injection Current Effect Control
March, 2000 ??Rev. 4
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851A ONSEMI-MC74HCT4851A Datasheet
205Kb / 13P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com