Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C501G-L40N Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SAB-C501G-L40N
Description  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C501G-L40N Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SAB-C501G-L40N Datasheet HTML 4Page - Siemens Semiconductor Group SAB-C501G-L40N Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C501G-L40N Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C501G-L40N Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C501G-L40N Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C501G-L40N Datasheet HTML 9Page - Siemens Semiconductor Group SAB-C501G-L40N Datasheet HTML 10Page - Siemens Semiconductor Group SAB-C501G-L40N Datasheet HTML 11Page - Siemens Semiconductor Group SAB-C501G-L40N Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
C501
Semiconductor Group
8
1997-04-01
Table 1
Pin Definitions and Functions
Symbol
Pin Number
I/O*) Function
P-LCC-44 P-DIP-40 P-MQFP-44
P1.0 – P1.7 2–9
2
3
1–8
1
2
40–44,
1–3,
40
41
I/O
Port 1
is a quasi-bidirectional I/O port with
internal pull-up resistors. Port 1 pins that
have 1s written to them are pulled high by
the internal pullup resistors, and in that
state can be used as inputs. As inputs,
port 1 pins being externally pulled low will
source current (
I
IL, in the DC
character-
istics) because of the internal pull-up
resistors. Port 1 also contains the timer 2
pins as secondary function. The output
latch corresponding to a secondary
function must be pro-grammed to a one
(1) for that function to operate.
The secondary functions are assigned to
the pins of port 1, as follows:
P1.0
T2
Input to counter 2
P1.1
T2EX Capture - Reload trigger of
timer 2 / Up-Down count
*) I
= Input
O = Output


Similar Part No. - SAB-C501G-L40N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C503 SIEMENS-SAB-C503 Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-1R20N SIEMENS-SAB-C503-1R20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-1RN SIEMENS-SAB-C503-1RN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-L20N SIEMENS-SAB-C503-L20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-LN SIEMENS-SAB-C503-LN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C501G-L40N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com