Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N1600 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N1600
Description  SILICON PNPN CONTROLLED RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N1600 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N1600 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N1600

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1604 NJSEMI-2N1604 Datasheet
112Kb / 1P
   SCR, V (DRM) = 400 V TO 499.9 V
logo
List of Unclassifed Man...
2N1605 ETC1-2N1605 Datasheet
267Kb / 3P
   alloy-junction germanium transistors
2N1605 ETC1-2N1605 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
2N1605A ETC1-2N1605A Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Similar Description - 2N1600

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3027 NJSEMI-2N3027 Datasheet
195Kb / 1P
   SILICON PNPN PASSIVATED PLANAR CONTROLLED SWITCH
2N681 NJSEMI-2N681 Datasheet
145Kb / 1P
   DIFFUSED SILICON PNPN CINTROLLED RECTIFIER
logo
First Silicon Co., Ltd
MCK100-6 FS-MCK100-6 Datasheet
472Kb / 4P
   Silicon PNPN Thyristor
logo
SeCoS Halbleitertechnol...
PCR406 SECOS-PCR406 Datasheet
43Kb / 1P
   Silicon Planar PNPN Thyristors
logo
First Silicon Co., Ltd
MCR100-8S FS-MCR100-8S Datasheet
424Kb / 3P
   Silicon Planar PNPN Thyristor
logo
Unisonic Technologies
UTCMCR100 UTC-UTCMCR100 Datasheet
15Kb / 2P
   PLASTIC SILICON CONTROLLED RECTIFIERS(PNPN devices designed for high volume)
logo
Jiangsu Changjiang Elec...
PCR0.6 JIANGSU-PCR0.6 Datasheet
525Kb / 3P
   Silicon Planar PNPN Thyristor
logo
First Silicon Co., Ltd
MCR100-6-F FS-MCR100-6-F Datasheet
210Kb / 2P
   Silicon Planar PNPN Thyristor
2011. 12. 06 Revision No : 0
logo
Jiangsu Changjiang Elec...
PCR06A JIANGSU-PCR06A Datasheet
231Kb / 3P
   Silicon Planar pnpn Thyristor
logo
First Silicon Co., Ltd
MCR100-8F-B FS-MCR100-8F-B Datasheet
209Kb / 2P
   Silicon Planar PNPN Thyristor
2022. 04. 15 Revision No : 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com