Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67078-S1325-A2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # C67078-S1325-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-S1325-A2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  C67078-S1325-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-S1325-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-S1325-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-S1325-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-S1325-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-S1325-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-S1325-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-S1325-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-S1325-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 70 L
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
• Logic Level
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 70 L
60 V
12 A
0.15
TO-220 AB
C67078-S1325-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 33 °C
ID
12
A
Pulsed drain current
TC = 25 °C
IDpuls
48
Avalanche current,limited by
Tjmax
IAR
12
Avalanche energy,periodic limited by
Tjmax
EAR
1
mJ
Avalanche energy, single pulse
ID = 12 A, VDD = 25 V, RGS = 25 Ω
L = 48.6 µH, Tj = 25 °C
EAS
6
Gate source voltage
VGS
± 14
V
Gate-source peak voltage,aperiodic
Vgs
± 20
Power dissipation
TC = 25 °C
Ptot
40
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 3.1
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


Similar Part No. - C67078-S1325-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-S1320-A3 SIEMENS-C67078-S1320-A3 Datasheet
175Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1320-A5 SIEMENS-C67078-S1320-A5 Datasheet
175Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1321-A2 SIEMENS-C67078-S1321-A2 Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1321-A3 SIEMENS-C67078-S1321-A3 Datasheet
175Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S1322-A2 SIEMENS-C67078-S1322-A2 Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results

Similar Description - C67078-S1325-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ31L SIEMENS-BUZ31L Datasheet
194Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ101SL SIEMENS-BUZ101SL Datasheet
132Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ21L SIEMENS-BUZ21L Datasheet
86Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73L SIEMENS-BUZ73L Datasheet
181Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ100SL SIEMENS-BUZ100SL Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
BUZ71AL SIEMENS-BUZ71AL Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ71L SIEMENS-BUZ71L Datasheet
129Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ72AL SIEMENS-BUZ72AL Datasheet
187Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com