Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS-12D-1-02-TR8 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # APS-12D-1-02-TR8
Description  Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

APS-12D-1-02-TR8 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button APS-12D-1-02-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 11Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Document No: DLS-0000035 Rev 1.0
Jun. 07. 2011.
9
Surface - Mount Digital
Ambient Light Sensor with Proximity Sensor
APS-12D-1-02/TR8
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
Select range : 4000 Lux
Vcc = 3V
Fluorescent light
Incandescent lamp
Lux meter reading (Lux)
-40
-20
0
20
40
60
80
100
0
1
2
3
Vcc= 3V
Ev = 0 Lux
ALS output
Temperature (
)
Fig.3
Sensitivity to different light source
Fig.4
Spectral response
Fig.5
PS output vs. Object distance
Fig.6
ALS output (Dark) vs. Temperature
0
20
40
60
80
100
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Vcc: 3V
Object: Kodak gray card
(18% Reflectance)
Select range: Range1
Objcet Distance (mm)
IR drive current : 50mA
IR drive current : 25mA
IR drive current : 12.5mA
IR drive current : 6.25mA
Fig.7
Supply current vs. Temperature


Similar Part No. - APS-12D-1-02-TR8

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APS-100ESS271MHB5S CHEMI-CON-APS-100ESS271MHB5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-100ESS471MJC5S CHEMI-CON-APS-100ESS471MJC5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-160ELL181 CHEMI-CON-APS-160ELL181 Datasheet
47Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-160ESS181MHB5S CHEMI-CON-APS-160ESS181MHB5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-160ESS331MJC5S CHEMI-CON-APS-160ESS331MJC5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APS-12D-1-02-TR8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com