Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS-PDIC17-57B-TR8 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ALS-PDIC17-57B-TR8
Description  Surface - Mount I2C Digital Ambient Light Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PDIC17-57B-TR8 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ALS-PDIC17-57B-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PDIC17-57B-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Document No: DLS-00000xx
Rev0.1
Jun. 22, 2011
3
Surface - Mount
I
2
C Digital Ambient Light Sensor
ALS-PDIC17-57B/TR8
Absolute Maximum Ratings (Ta=25℃
℃)
Parameter
Symbol
Min.
Max.
Units
Storage temperature
TSTG
-40
100
°C
Operating temperature
TOPR
-40
85
°C
Supply voltage
VDD
-0.3
6.0
V
Digital output voltage
Vo
-0.3
6.0
V
Digital output current
Io
-10
+10
mA
ESD tolerance, human body model
-
2
-
KV
Block Diagram & Pad Descriptions
Figure 1 ALS-PDIC17-57B/TR8 Functional Block Diagram
I
2C
Register


Similar Part No. - ALS-PDIC17-57B-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8_15 Datasheet
875Kb / 21P
   Digital Ambient Light Sensor
More results

Similar Description - ALS-PDIC17-57B-TR8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9306 AVAGO-APDS-9306 Datasheet
153Kb / 21P
   Miniature Surface-Mount Digital Ambient Light Sensor
logo
Broadcom Corporation.
APDS-9306 BOARDCOM-APDS-9306 Datasheet
153Kb / 21P
   Miniature Surface-Mount Digital Ambient Light Sensor
APDS-9306-065 BOARDCOM-APDS-9306-065 Datasheet
153Kb / 21P
   Miniature Surface-Mount Digital Ambient Light Sensor
logo
AMI SEMICONDUCTOR
AMIS-749803 AMI-AMIS-749803 Datasheet
462Kb / 15P
   (I2C) Ambient Light Sensor
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
ALS-PDIC15-21B EVERLIGHT-ALS-PDIC15-21B Datasheet
265Kb / 11P
   Surface - Mount Ambient Light Sensor
EAALSDIC2012A3 EVERLIGHT-EAALSDIC2012A3 Datasheet
519Kb / 12P
   Ambient Light Sensor ??Surface Mount
EAALSDIC3215A0 EVERLIGHT-EAALSDIC3215A0 Datasheet
499Kb / 10P
   Ambient Light Sensor ??Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com