Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38-01-A84-RAC-D4T1U1DH-AM Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 38-01-A84-RAC-D4T1U1DH-AM
Description  3? Piranha
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

38-01-A84-RAC-D4T1U1DH-AM Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 1Page - Everlight Electronics Co., Ltd 38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 2Page - Everlight Electronics Co., Ltd 38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 3Page - Everlight Electronics Co., Ltd 38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 4Page - Everlight Electronics Co., Ltd 38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 5Page - Everlight Electronics Co., Ltd 38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd 38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd 38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd 38-01-A84-RAC-D4T1U1DH-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
ψ
ψ
ψ Piranha
38-01-A84- RAC-D4T1U1DH-AM
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.:
1.0
Page:
1 of 12
Device No.:
DPE-0000135
Published date: 25-June-2009
Created by:
Vicky Feng
Feature
‧ Lead-Free
‧ RoHS compliant.
‧ Low profile.
‧ Uniform color
‧ High flux output
‧ Colorless clear resin.
‧ Brightness: 7150 to 14250 mlm at 70mA.
‧ Qualification according to AEC-Q101.
‧ Packaged in tubes for use with automatic insertion equipment.
‧ Useable in severe lead free processes with automotive reflow profile.
Applications
‧ Automotive exterior lighting: Turn light, tail light, rear-view mirror light, side light,
license light switch, 3
rd braking light…etc.
‧ Display for indoor and outdoor application.
‧ Substitution of traditional light.
‧ Electronic Signs and Signals.
‧ General applications.
Device Selection Guide
Chip
Material
Emitted Color
Resin Color
AlGaInP
Red
Water Clear
This is a preliminary specification
intended for design purposes and
subject to change without prior
notice.


Similar Part No. - 38-01-A84-RAC-D4T1U1DH-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
38-01-A84-RAC-D4T1U1DH EVERLIGHT-38-01-A84-RAC-D4T1U1DH Datasheet
515Kb / 16P
   3mm Advanced Super Flux LEDs
More results

Similar Description - 38-01-A84-RAC-D4T1U1DH-AM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PIR3D-06C-L415 EVERLIGHT-PIR3D-06C-L415 Datasheet
185Kb / 11P
   3? Infrared Piranha
logo
P-tec Corporation
PLC760-WCG04 P-TEC-PLC760-WCG04 Datasheet
367Kb / 6P
   Piranha LED
PLC761-WCB04 P-TEC-PLC761-WCB04 Datasheet
348Kb / 6P
   Piranha LED
PLC761A-WCR04 P-TEC-PLC761A-WCR04 Datasheet
343Kb / 6P
   Piranha LED
PLC764-WCB04 P-TEC-PLC764-WCB04 Datasheet
361Kb / 6P
   Piranha LED
logo
Lite-On Technology Corp...
LTL911CBKS5 LITEON-LTL911CBKS5 Datasheet
588Kb / 12P
   Piranha LEDs
logo
Everlight Electronics C...
30-01-B4C-AKNB EVERLIGHT-30-01-B4C-AKNB_09 Datasheet
362Kb / 12P
   3mm Piranha
logo
P-tec Corporation
PLC760-WCB04 P-TEC-PLC760-WCB04 Datasheet
337Kb / 6P
   Piranha LED
PLC762A-WCY04 P-TEC-PLC762A-WCY04 Datasheet
377Kb / 6P
   Piranha LED
PLC763-WCW04 P-TEC-PLC763-WCW04 Datasheet
498Kb / 7P
   Piranha LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com