Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG100M-M0 Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # SG100M-M0
Description  SUPER-GRIP??Cable Ties & Cable Tie Mounts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

SG100M-M0 Datasheet(HTML) 4 Page - PANDUIT CORP.

  SG100M-M0 Datasheet HTML 1Page - PANDUIT CORP. SG100M-M0 Datasheet HTML 2Page - PANDUIT CORP. SG100M-M0 Datasheet HTML 3Page - PANDUIT CORP. SG100M-M0 Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2006
PANDUIT Corp.
ALL RIGHTS RESERVED.
Printed in the U.S.A.
Product Bulletin Number SA-CTCB14
replaces SA-CTCB12
6/2006
www.panduit.com
SUPER-GRIPCable Ties
& Cable Tie Mounts
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of
PANDUIT product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.3767.7011
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6379.6700
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
cs-la@panduit.com
Phone: 52.333.777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800-777-3300 and reference CTCB14
Visit us at www.panduit.com
For more information
Key Features
Benefits
High grip strength
Grips the bundle tightly, preventing ties from moving laterally along the
length of the bundle
Thin, wide strap body
Distinctive flared neck
Offers improved strength and results in excellent small bundle performance
Strong wedge and hinge
Improves tensile strength and enables the tie to withstand rough
installation practices
Aggressive tip grips
Allows temporary threading of tie, which permits positioning of tie prior to locking
Tapered tip
Threads easily into head for faster installation
Improves tie flexibility while maintaining loop tensile strength, allowing cable
tie to easily conform to irregular bundle shapes
Relief on bottom of head
Reduces installed head height and minimizes gap between the head
and bundle
Low profile design
Positions bundle closer to mounting surface to conserve space; reduces
standoff height of cable bundle
Stronger bridge design
Withstands rough installation practices beyond that of conventional designs;
supports increased installation force
Key Features
Benefits
Innovative Solution for Bundling Wire and Cable
SUPER-GRIPCable Ties and Mounts are designed to withstand
rough installation practices that occur in MRO and construction
projects.
SUPER-GRIPCable Ties provide superior bundle
tightness, excellent tensile strength, and flexibility.
SUPER-GRIP
Cable Ties resist lateral movement on the bundle because they
are more flexible and can be installed tighter.
SUPER-GRIPCable Tie
Mounts are available in a wide variety of styles to maximize application
flexibility. The
SUPER-GRIPproduct line expands the PANDUIT cable tie and
accessory offering, the most comprehensive bundling solution available.
SUPER-GRIPCable Tie Mounts (continued)
Screw Applied T ie Mounts
Masonr y Push Mounts
SGMPM
SGTM2S8-C
Cable T ies
Cable T ie Mounts
Part Number
Material
Used With Cable Ties
Grip
Length
In.
(mm)
Hole
Diameter
In.
(mm)
Mounting Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
SGMPMS19-C0
Impact Modified
Weather Resistant
Nylon 6.6
SG100M, SG150I,
SG200S, SG250S,
SG300S, SG370S
.97
(24.6)
.187
(4.7)
Tree Barb
100
500
SGMPMS25-C0
SG100M, SG150I,
SG200S, SG250S,
SG300S, SG370S
.97
(24.6)
.250
(6.4)
100
500
SGMPMH38-L0
SG100M, SG150I,
SG200S, SG250S, SG300S,
SG370S, SG350LH, SG450H
1.25
(31.8)
.375
(9.5)
50
500
SGMPMWH32-L0
SG100M, SG150I,
SG200S, SG250S, SG300S,
SG370S, SG350LH, SG450H
1.41
(35.8)
.315
(8.0)
50
500
Part Number
Material
Used With Cable Ties
Length
In.
(mm)
Width
In.
(mm)
Mounting Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
SGTM1S6-C
Nylon 6.6
SG100M
.51
(13.0)
.37
(9.4)
#6 (M3) Screw
100
500
SGTM1S6-C0
Weather Resistant
Nylon 6.6
SG100M
.51
(13.0)
.37
(9.4)
#6 (M3) Screw
100
500
SGTM2S8-C
Nylon 6.6
SG100M, SG150I, SG200S,
SG250S, SG300S, SG370S
.66
(16.7)
.48
(12.2)
#8 (M4) Screw
100
500
SGTM2S8-C0
Weather Resistant
Nylon 6.6
SG100M, SG150I, SG200S,
SG250S, SG300S, SG370S
.66
(16.7)
.48
(12.2)
#8 (M4) Screw
100
500
SGTM3S10-C
Nylon 6.6
SG100M, SG150I, SG200S,
SG250S, SG300S,
SG370S, SG350LH
.91
(23.1)
.61
(15.4)
#10 (M5) Screw
100
500
SGTM3S10-C0
Weather Resistant
Nylon 6.6
SG100M, SG150I, SG200S,
SG250S, SG300S,
SG370S, SG350LH
.91
(23.1)
.61
(15.4)
#10 (M5) Screw
100
500


Similar Part No. - SG100M-M0

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SG100 AMETHERM-SG100 Datasheet
360Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
SG1002 FREESCALE-SG1002 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
SG1002 FREESCALE-SG1002 Datasheet
300Kb / 2P
   Dual High-Side Switch
SG1002 FREESCALE-SG1002 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
SG1002 FREESCALE-SG1002 Datasheet
8Mb / 2P
   Quad High Side Switch?봁ual 10 m, Dual 25 m
More results

Similar Description - SG100M-M0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
   Tak-Ty Hook Loop Cable Tie Mounts
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
logo
PANDUIT CORP.
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
   Nylon Cable Ties
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
   Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
   Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
   Identification Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
   3M??Cable Ties
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com