Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMP350H-M Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # MMP350H-M
Description  Panduit Permanent Identification System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MMP350H-M Datasheet(HTML) 7 Page - PANDUIT CORP.

  MMP350H-M Datasheet HTML 1Page - PANDUIT CORP. MMP350H-M Datasheet HTML 2Page - PANDUIT CORP. MMP350H-M Datasheet HTML 3Page - PANDUIT CORP. MMP350H-M Datasheet HTML 4Page - PANDUIT CORP. MMP350H-M Datasheet HTML 5Page - PANDUIT CORP. MMP350H-M Datasheet HTML 6Page - PANDUIT CORP. MMP350H-M Datasheet HTML 7Page - PANDUIT CORP. MMP350H-M Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Permanent Identification Systems
Permanent Identification Systems
Prime items appear in BOLD
Prime items appear in BOLD
Permanent Identification System
Permanent Identification System
*See page 3 for Panduit factory custom marking service information.
**See last page for Pan-Steel® Stainless Steel Cable Ties.
^Order number of pieces required, in multiples of Standard Package Quantity.
Stainless Steel and Brass Marker Plates and T ags (continued)
MT350-C
MT350W17-Q
MT172-C
MT172W38-C
MTB1D-Q
MTB213D-Q
MTB150D-Q
MT125S-Q
6
7
Lightweight aluminum construction for flexibility
and ease of handling
Five color options in addition to natural aluminum
finish provide quick visual identification; ideal for
applications requiring color-coding
Easy feed cable tie slot provides easy cable tie
insertion to speed installation
*See page 3 for Panduit factory custom marking service.
^Order number of pieces required, in multiples of Standard Package Quantity.
Pan-Alum Aluminum Marker Plates
Stainless Steel and Brass Marker Plates and T ags
Provides permanent identification of pipes, conduit, valves, cables,
and equipment in harsh environments
Delivers long life when exposed to chemicals, vibration, radiation,
weathering, and extreme temperatures
Designed for use with Pan-Steel® Stainless Steel Cable Ties
for fast installation at lowest installed cost
All marker plates can be embossed or laser etched with
Panduit Factory Custom Marking Service
For on-site custom marking use the metal indenting machine
*See page 3 for Panduit Factory Custom Marking Service information.
**See last page for Pan-Steel® Stainless Steel Cable Ties.
^Order number of pieces required, in multiples of Standard Package Quantity.
MMP172-C
MMP172W38-C
MMP350W17-Q
MMP350-C
MMP350H-C
MMP350DB-C
MMP350W38-C
Part Number
Material
Color
Length/
Diameter
Width
Custom Marking
Parameters*
Used with
Pan-Steel ®
Cable Ties**
Thickness
Std.
Pkg.
Qty.^
Std.
Ctn.
Qty.
In.
mm
In.
mm
Max. 3/16"
(4.77mm)
Character
Per Line
Max.
Lines
of Text
In.
mm
MMP350-C
304 Stainless Steel
Natural
3.50
89.0
0.75
19.0
23
3
MLT-S
0.010
0.25
100
1000
MMP350-C316
316 Stainless Steel
MMP350H-C
304 Stainless Steel
Natural
3.50
89.0
0.75
19.0
20
3
MLT-H
0.010
0.25
100
1000
MMP350H-C316
316 Stainless Steel
MMP350W38-C
304 Stainless Steel
Natural
3.50
89.0
0.38
10.0
23
1
MLT-S
0.010
0.25
100
1000
MMP350W38-C316
316 Stainless Steel
MMP350DB-C
304 Stainless Steel
Natural
3.50
89.0
1.12
29.0
20
3
MLT-H
0.015
0.38
100
1000
MMP350DB-C316
316 Stainless Steel
MMP172-C
304 Stainless Steel
Natural
1.72
44.0
0.75
19.0
8
3
MLT-S
0.010
0.25
100
1000
MMP172-C316
316 Stainless Steel
MMP172W38-C
304 Stainless Steel
Natural
1.72
44.0
0.38
10.0
8
1
MLT-S
0.010
0.25
100
1000
MMP172W38-C316
316 Stainless Steel
MMP350W17-Q
304 Stainless Steel
Natural
3.50
89.0
1.73
44.0
23
6
MLT-S
0.015
0.38
25
250
Part Number
Material
Color
Length/
Diameter
Width
Custom Marking
Parameters*
Used
with
Pan-Steel®
Cable Ties**
Thickness
Std.
Pkg.
Qty.^
Std.
Ctn.
Qty.
Max. 3/16"
(4.77mm)
Character
Per Line
Max.
Lines
of Text
In.
mm
In.
mm
In.
mm
MT350-C
304 Stainless Steel
Natural
3.50
89.0
0.75
19.0
26
3
MLT-S
0.010
0.25
100
1000
MT350-C316
316 Stainless Steel
Natural
26
3
100
1000
MT350W17-Q
304 Stainless Steel
Natural
3.50
89.0
1.73
44.0
26
6
MLT-S
0.015
0.38
25
250
MT172-C
304 Stainless Steel
Natural
1.72
44.0
0.75
19.0
10
3
MLT-S
0.010
0.25
100
1000
MT172-C316
316 Stainless Steel
Natural
1.72
44.0
0.75
19.0
10
3
MLT-S
0.010
0.25
100
1000
MT172W38-C
304 Stainless Steel
Natural
1.72
44.0
0.38
10.0
10
1
MLT-S
0.010
0.25
100
1000
MT1D-Q
304 Stainless Steel
Natural
1.00
25.0
5
1
MLT-S
0.035
0.89
25
250
MT1D-Q316
316 Stainless Steel
Natural
1.00
25.0
5
1
MLT-S
0.035
0.89
25
250
MTB1D-Q
Brass
Brass
1.00
25.0
5
1
MLT-S
0.040
1.02
25
250
MT150D-Q
304 Stainless Steel
Natural
1.50
38.0
5,6,5
3
MLT-S
0.035
0.89
25
250
MT150D-Q316
316 Stainless Steel
Natural
1.50
38.0
5,6,5
3
MLT-S
0.035
0.89
25
250
MTB150D-Q
Brass
Brass
1.50
38.0
5,6,5
3
MLT-S
0.040
1.02
25
250
MT213D-Q
304 Stainless Steel
Natural
2.13
54.0
6,12,8
3
MLT-S
0.015
0.38
25
250
MT213D-Q316
316 Stainless Steel
Natural
2.13
54.0
6,12,8
3
MLT-S
0.015
0.38
25
250
MTB213D-Q
Brass
Brass
2.13
54.0
6,12,8
3
MLT-S
0.015
0.38
25
250
MT125S-Q
304 Stainless Steel
Natural
1.25
32.0
1.25
32.0
5
2
MLT-S
0.035
0.89
25
250
Part Number
Material
Color
Length
Width
Thickness
Custom Marking
Parameters*
Used With
Pan-Alum
Cable Tie
Std.
Pkg.
Qty.^
Std.
Ctn.
Qty.
Max. 3/16"
(4.77mm)
Characters
Per Line
Max.
Lines
of Text
In.
mm
In.
mm
In.
mm
MMP350H-CALBU
Anodized
Aluminum
Blue
3.50
89.0
0.75
19.0
0.012
0.3
20
3
MLT1H-LPAL
MLT2H-LPAL
and
MLT4H-LPAL
100
1000
MMP350H-CALGR
Green
3.50
89.0
0.75
19.0
0.012
0.3
20
3
100
1000
MMP350H-CALRD
Red
3.50
89.0
0.75
19.0
0.012
0.3
20
3
100
1000
MMP350H-CALBL
Black
3.50
89.0
0.75
19.0
0.012
0.3
20
3
100
1000
MMP350H-CALYL
Yellow
3.50
89.0
0.75
19.0
0.012
0.3
20
3
100
1000
MMP350H-CAL
Aluminum
Natural
3.50
89.0
0.75
19.0
0.012
0.3
20
3
100
1000


Similar Part No. - MMP350H-M

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MMP350H-CAL PANDUIT-MMP350H-CAL Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
MMP350H-CALBL PANDUIT-MMP350H-CALBL Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
MMP350H-CALBU PANDUIT-MMP350H-CALBU Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
MMP350H-CALGR PANDUIT-MMP350H-CALGR Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
MMP350H-CALRD PANDUIT-MMP350H-CALRD Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
More results

Similar Description - MMP350H-M

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OIT500-F113-B17-CB PF-OIT500-F113-B17-CB Datasheet
951Kb / 4P
   High temperature identification system
logo
TE Connectivity Ltd
ZHD-SCE TEC-ZHD-SCE Datasheet
2Mb / 4P
   HEAT SHRINK IDENTIFICATION SYSTEM
logo
Pepperl+Fuchs Inc.
OIT300-F113-B12-CB2 PF-OIT300-F113-B12-CB2 Datasheet
316Kb / 3P
   High temperature identification system
OIT500-F113-B12-CB3 PF-OIT500-F113-B12-CB3 Datasheet
728Kb / 5P
   High temperature identification system
OIT1500-F113-B12-CB PF-OIT1500-F113-B12-CB Datasheet
317Kb / 3P
   High temperature identification system
OIT200-F113-B12-CB PF-OIT200-F113-B12-CB Datasheet
348Kb / 3P
   High temperature identification system
OIT500-F113-B12-CB PF-OIT500-F113-B12-CB Datasheet
312Kb / 3P
   High temperature identification system
logo
NXP Semiconductors
TDA3576B PHILIPS-TDA3576B Datasheet
660Kb / 13P
   SYNC COMBINATION WITH TRANMITTER IDENTIFICATION AND VERTICAL 624 DIVIDER SYSTEM
November 1982
TDA3571B PHILIPS-TDA3571B Datasheet
529Kb / 11P
   SYNC COMBINATION WITH TRANSMITTER IDENTIFICATION AND VERTICAL 625 DIVIDER SYSTEM
October 1982
logo
Balluff Korea Ltd.
BVS001C BALLUFF-BVS001C Datasheet
180Kb / 3P
   Optical Identification
0.52_2021-12-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com