Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8657 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SX8657
Description  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8657 Datasheet(HTML) 3 Page - Semtech Corporation

  SX8657 Datasheet HTML 1Page - Semtech Corporation SX8657 Datasheet HTML 2Page - Semtech Corporation SX8657 Datasheet HTML 3Page - Semtech Corporation SX8657 Datasheet HTML 4Page - Semtech Corporation SX8657 Datasheet HTML 5Page - Semtech Corporation SX8657 Datasheet HTML 6Page - Semtech Corporation SX8657 Datasheet HTML 7Page - Semtech Corporation SX8657 Datasheet HTML 8Page - Semtech Corporation SX8657 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
3
www.semtech.com
SX8657/SX8658
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
5.3.6
PROXSTAT Update
31
5.4
Host Operation
32
5.4.1
General Description
32
5.4.2
Proximity Sensing vs Touch Operations
32
5.4.3
Minimum Scan Period (i.e. PROXSCANPERIOD)
34
6
HAPTICS INTERFACE (SX8657/58) .......................................................................................... 35
6.1
Introduction
35
6.2
ERM Load
35
6.2.1
Introduction
35
6.2.2
PWM Mode
36
6.2.3
I2C Mode
36
6.3
LRA Load
36
6.3.1
Introduction
36
6.3.2
PWM Mode
37
6.3.3
I2C Mode
37
6.4
Short-Circuit Protection
37
7
TEMPERATURE SENSOR.......................................................................................................... 38
8
INTERRUPT (NIRQ) .................................................................................................................. 39
8.1
Introduction
39
8.2
Registers Overview
39
8.2.1
RegIrqMsk
39
8.2.2
RegIrqSrc
39
8.2.3
RegStat
39
8.3
Host Procedure
39
9
AUXILIARY PINS (AUX1/AUX2/AUX3)...................................................................................... 40
10
RESET...................................................................................................................................... 41
10.1
Hardware (POR and NRST)
41
10.2
Software (RegReset)
41
10.3
ESD Event (RESETSTAT)
41
11
I2C INTERFACE........................................................................................................................ 42
11.1
Introduction
42
11.2
I2C Address
42
11.3
Write Register
42
11.4
Read Register
43
11.5
Write Command (Touchscreen Interface)
43
11.6
Read Channel (Touchscreen Interface)
44
12
REGISTERS DETAILED DESCRIPTION ...................................................................................... 46
13
APPLICATION INFORMATION ................................................................................................... 58
13.1
Typical Application Circuit
58
13.2
External Components Recommended Values
58
14
PACKAGING INFORMATION ..................................................................................................... 59
14.1
QFN Package
59
14.2
CSP Package
60


Similar Part No. - SX8657

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8650 SEMTECH-SX8650 Datasheet
796Kb / 56P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650ICSTRT SEMTECH-SX8650ICSTRT Datasheet
796Kb / 56P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650ICSTRT1 SEMTECH-SX8650ICSTRT1 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650ICSTRT1 SEMTECH-SX8650ICSTRT1 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
More results

Similar Description - SX8657

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com