Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8650IWLTRT1 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8650IWLTRT1
Description  World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8650IWLTRT1 Datasheet(HTML) 1 Page - Semtech Corporation

  SX8650IWLTRT1 Datasheet HTML 1Page - Semtech Corporation SX8650IWLTRT1 Datasheet HTML 2Page - Semtech Corporation SX8650IWLTRT1 Datasheet HTML 3Page - Semtech Corporation SX8650IWLTRT1 Datasheet HTML 4Page - Semtech Corporation SX8650IWLTRT1 Datasheet HTML 5Page - Semtech Corporation SX8650IWLTRT1 Datasheet HTML 6Page - Semtech Corporation SX8650IWLTRT1 Datasheet HTML 7Page - Semtech Corporation SX8650IWLTRT1 Datasheet HTML 8Page - Semtech Corporation SX8650IWLTRT1 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SX8650
www.semtech.com
Page 1
World’s Lowest Power & Smallest Footprint 4-wire
Resistive Touchscreen Controller with 15kV ESD
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision V2.19/October 2010
©2010 Semtech Corp.
4
The SX8650 is an ultra low power 4-wire resistive
touchscreen controller optimized for portable equipment
where power and board-space are at a premium.
It incorporates a highly accurate 12-bit ADC for data
conversion and operates from a single 1.65 to 3.7V supply
voltage.
The SX8650 features a built-in preprocessing algorithm for
data measurements, which greatly reduces the host
processing overhead and bus activity. This complete
touchscreen
solution
includes
four
user-selectable
operation modes which offer programmability on different
configurations such as conversion rate and settling time,
thus
enable
optimization
in
throughput
and
power
consumption for a wide range of touch sensing applications.
The touch screen inputs have been specially designed to
provide robust on-chip ESD protection of up to ±15kV in
both HBM and Contact Discharge, and eliminates the need
for external protection devices.
The SX8650 supports the Fast-mode I²C (400kbit/s) serial
bus data protocol and includes 2 user-selectable slave
addresses. A custom I2C address is possible on request.
The SX8650 is offered in two tiny packages: 3.0 mm x
3.0 mm DFN and a 1.5 mm x 2.0 mm wafer-level chip-scale
package (WLCSP).
Portable Equipment
Mobile Communication Devices
Cell phone, PDA, MP3, GPS, DSC
Touch Screen Monitors
Extremely Low Power Consumption: 23uA@1.8V 8kSPS
Superior On-chip ESD Protection
±15kV HBM (X+,X-,Y+,Y-)
±2kV CDM
±25kV Air Gap Discharge
±15kV Contact Discharge
±300V MM
Single 1.65V to 3.7V Supply/Reference
Integrated Preprocessing Block to Reduce Host Loading
and Bus Activity
Four User Programmable Operation Modes provides
Flexibility to address Different Application Needs
Manual, Automatic, Pen Detect, Pen Trigger
High Precision 12-bit Resolution
Low Noise Ratiometric Conversion
Selectable Polling or Interrupt Modes
Touch Pressure Measurement
400kHz Fast-Mode I²C Interface
Hardware Reset & I²C Software Reset
-40°C to 85°C Operation
12-LD (3.0 mm x 3.0 mm) DFN Package
12-Ball (1.5 mm x 2.0 mm) WLCSP Package
Pin-compatible with SX8651
Pb-Free, Halogen Free, RoHS/WEEE compliant product
Windows CE 6.0, Linux Driver Support Available
GENERAL DESCRIPTION
APPLICATIONS
Block Diagram
KEY PRODUCT FEATURES
ORDERING INFORMATION
Part Number
Package
SX8650ICSTRT1
1.
3000 Units / reel
12 - Ball WLCSP (1.5 mm x 2.0 mm)
SX8650IWLTRT1
12 - Lead DFN (3.0 mm x 3.0 mm)
Touch
Screen
Interface
SX8650
VDD
AUX
X+
Y+
X-
Y-
A0
NIRQ
NRST
SCL
SDA
GND
HOST
Control
I2C
Digital
Filter
ref+
ref-
ADC
in
out
OSC
POR
Vref


Similar Part No. - SX8650IWLTRT1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8650IWLTRT1 SEMTECH-SX8650IWLTRT1 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
More results

Similar Description - SX8650IWLTRT1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8650 SEMTECH-SX8650 Datasheet
796Kb / 56P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Hirose Electric
E.FL-LP-040 HIROSE-E.FL-LP-040 Datasheet
224Kb / 4P
   E.FL Coaxial Connectors with World Smallest Footprint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com