Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8644 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX8644
Description  Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8644 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX8644_11 Datasheet HTML 6Page - Semtech Corporation SX8644_11 Datasheet HTML 7Page - Semtech Corporation SX8644_11 Datasheet HTML 8Page - Semtech Corporation SX8644_11 Datasheet HTML 9Page - Semtech Corporation SX8644_11 Datasheet HTML 10Page - Semtech Corporation SX8644_11 Datasheet HTML 11Page - Semtech Corporation SX8644_11 Datasheet HTML 12Page - Semtech Corporation SX8644_11 Datasheet HTML 13Page - Semtech Corporation SX8644_11 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision 7_5, February 11
© 2011 Semtech Corp.
www.semtech.com
10
SX8644
Ultra Low Power, Capacitive Button and Slider
Touch Controller (12 sensors) with Enhanced LED Drivers
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
I2C Timing Specifications
(i)
SCL clock frequency
fSCL
400
KHz
SCL low period
tLOW
1.3
us
SCL high period
tHIGH
0.6
us
Data setup time
tSU;DAT
100
ns
Data hold time
tHD;DAT
0
ns
Repeated start setup time
tSU;STA
0.6
us
Start condition hold time
tHD;STA
0.6
us
Stop condition setup time
tSU;STO
0.6
us
Bus free time between stop and start
tBUF
500
us
Input glitch suppression
tSP
50
ns
Table 6
I2C Timing Specification
Notes:
(i) All timing specifications, Figure 6 and Figure 7, refer to voltage levels (VIL, VIH, VOL) defined in Table 5.
The interface complies with slave F/S mode as described by NXP: “I2C-bus specification, Rev. 03 - 19 June 2007”
Figure 6
I2C Start and Stop timing
Figure 7
I2C Data timing


Similar Part No. - SX8644_11

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644I05AWLTRT SEMTECH-SX8644I05AWLTRT Datasheet
690Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
More results

Similar Description - SX8644_11

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8643 SEMTECH-SX8643 Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
SX8645 SEMTECH-SX8645 Datasheet
720Kb / 76P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (12 sensors) with Enhanced LED Drivers
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
SX8634 SEMTECH-SX8634 Datasheet
1,005Kb / 80P
   Low Power, Capacitive Button and Slider Touch Controller with Enhanced LED
SX8646 SEMTECH-SX8646 Datasheet
605Kb / 67P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers
SX8649 SEMTECH-SX8649 Datasheet
716Kb / 77P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8633 SEMTECH-SX8633 Datasheet
948Kb / 72P
   Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED
SX8660 SEMTECH-SX8660 Datasheet
755Kb / 75P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com