Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMI5037 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SMI5037
Description  56 Gbps 2:16 DQPSK CDR/Demultiplexer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMI5037 Datasheet(HTML) 2 Page - Semtech Corporation

  SMI5037 Datasheet HTML 1Page - Semtech Corporation SMI5037 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
SMI5037-PB
WWW.SEMTECH.COM
SIERRA
MONOLITHICS
OR
CDRLOCK_ERR_OR
Status
Control
Logic
EXTLOS
SEL
RXS
RXS_SEL [1:0]
RXDATA[15] P/N
RXDATA[0] P/N
RXMCLKP/N
RXMCLK_EN
RXCKSRCP/N
RXDSCP/N
RXDCKP/N
.
.
.
RXDCK_EN
RXDATA_EN
RESET_N
RXDATAIN[1]P/N
RXDATAIN[0]P/N
DAC
PH_ADJ1[4:0]
CDR
RCLK[1]P/N
RCLK[0]P/N
RCLK1_EN
RXREFCK P/N
+
DAC
DAC
CDR
PRBS
Error
Checker
PRBS Block
RXLF_P[1]
RXLF_N[1]
C2
C1
R
Peak
Det
PH_ADJ0[4:0]
TH_ADJ1[7:0]
+
DAC
RXLF_P[0]
RXLF_N[0]
C2
C1
R
RCLK0_EN
RXDATAIN_DELAY0[5:0]
PEAKDET 0[7:0
]
-1.6V
Regulator
PTAT Temp.
Sensor
RX_TEMP
-1.6V
Reference
ADC
TEMP
RXCLKSRC_EN
SFI-5 Block
Detector & Status
CDR Block
PRBS
Pattern
27 /231
Data Control
Fixed
Data
Data Select
Frame
Generator
Peak
Det
SFI5 compatabile I/O
GND referenced CML
Interface Definitions
AC coupled CML
LVCMOS (1.2, 1.8V)
>
>
EXTLOS
RXLOS[1]
RXLOS[0]
PEAKDET 1[7:0]
TH_ADJ0[7:0]
LOS_TH[7:0]
SPI Subsystem
Control DACs
Control logic
Status
RESN
RESP
1.0 K
Bias Current
Control
Select Resistor
.
.
.
Diode Temp.
Sensor
GTEMP_P
GTEMP_N
RXDATAIN _DELAY 1[5:0]
Level
Shift
FRAME_EPOCH
SMI5037 Block Diagram — 2:16 DQPSK CDR/Demultiplexer
Sierra Monolithics Inc. is now part of Semtech Incorporated. To view the most current product specifications and datasheets, contact your local Semtech Field Applications Engineer.


Similar Part No. - SMI5037

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMI5027 SEMTECH-SMI5027 Datasheet
522Kb / 2P
   56 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
More results

Similar Description - SMI5037

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMI4038 SEMTECH-SMI4038 Datasheet
457Kb / 2P
   45 to 49 Gbps 2:16 DQPSK CDR/Demultiplexer
SMI4039 SEMTECH-SMI4039 Datasheet
579Kb / 2P
   SMI4039 40-45 Gbps 2:16 DQPSK CDR/Demultiplexer
SMI5027 SEMTECH-SMI5027 Datasheet
522Kb / 2P
   56 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
SMI4037 SEMTECH-SMI4037 Datasheet
452Kb / 2P
   39.8 to 44.6 Gbps 1:16 CDR/Demultiplexer
SMI10031 SEMTECH-SMI10031 Datasheet
337Kb / 2P
   100-113 Gbps 4:10 CDR/Demultiplexer with Dual/Single DQPSK Decoder for Short
SMI4029 SEMTECH-SMI4029 Datasheet
579Kb / 2P
   40-45 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
SMI4028 SEMTECH-SMI4028 Datasheet
485Kb / 2P
   45 to 49 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
logo
Broadcom Corporation.
BCM8125 BOARDCOM-BCM8125 Datasheet
129Kb / 2P
   10 GBPS 1:16 DEMUX WITH CDR AND LIMITING AMPLIFIER
logo
Mitsubishi Electric Sem...
M69899VP MITSUBISHI-M69899VP Datasheet
421Kb / 7P
   16:1 2.488 Gbps Demultiplexer(with Differential Output)
logo
M/A-COM Technology Solu...
M21050 MA-COM-M21050_17 Datasheet
839Kb / 70P
   Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com