Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZ50A Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BUZ50A
Description  SIPMOS Power Transistor (N channel Enhancement mode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ50A Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BUZ50A Datasheet HTML 1Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 2Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 3Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 4Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 5Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 6Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 7Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 8Page - Siemens Semiconductor Group BUZ50A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
07/96
BUZ 50 A
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 4 A
0
10
20
30
40
50
nC
65
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
900
920
940
960
980
1000
1020
1040
1060
1080
1100
1120
1140
1160
V
1200
V
(BR)DSS


Similar Part No. - BUZ50A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ50A ETC-BUZ50A Datasheet
25Kb / 2P
   HIGH VOLTAGE POWER MOSFET N-CHANNEL
logo
New Jersey Semi-Conduct...
BUZ50A NJSEMI-BUZ50A Datasheet
103Kb / 4P
   Enhancement mode
logo
Inchange Semiconductor ...
BUZ50A ISC-BUZ50A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUZ50A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
SPD09P06PL INFINEON-SPD09P06PL_08 Datasheet
1Mb / 9P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
IPI47N10S-33 INFINEON-IPI47N10S-33 Datasheet
2Mb / 8P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
2006-02-14
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com