Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4699 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4699 Datasheet HTML 1Page - Infineon Technologies AG TLE4699 Datasheet HTML 2Page - Infineon Technologies AG TLE4699 Datasheet HTML 3Page - Infineon Technologies AG TLE4699 Datasheet HTML 4Page - Infineon Technologies AG TLE4699 Datasheet HTML 5Page - Infineon Technologies AG TLE4699 Datasheet HTML 6Page - Infineon Technologies AG TLE4699 Datasheet HTML 7Page - Infineon Technologies AG TLE4699 Datasheet HTML 8Page - Infineon Technologies AG TLE4699 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLE4699
Pin Configuration
Data Sheet
5
Rev. 1.0, 2010-11-30
3
Pin Configuration
3.1
Pin Assignment TLE4699GM (PG-DSO-14
)
Figure 2
Pin Configuration PG-DSO-14 Package (top view)
3.2
Pin Definitions and Functions TLE4699GM (PG-DSO-14)
Pin
Symbol
Function
1
RADJ
Reset Threshold Adjust
Connect an external voltage divider to adjust reset threshold;
Connect to GND for using internal threshold.
2D
Reset Delay
Connect a ceramic capacitor from D (Pin 2) to GND for reset delay time adjustment;
Leave open, if the reset function is not needed.
3, 4, 5
GND
Ground
Connect all pins to heat sink area.
6EN
Enable
High signal enables the regulator;
Low signal disables the regulator;
Connect to I if the enable function is not needed
7RO
Reset Output
Open collector output with an internal pull-up resistor to the output Q;
An additional external pull-up resistor to the output Q is optional;
Leave open if the reset function is not needed.
8SO
Sense Output
Open collector output with an internal pull-up resistor to the output Q;
An additional external pull-up resistor to the output Q is optional;
Leave open if the sense function is not needed.
9Q
5 V Regulator Output
Connect a capacitor between Q (Pin 9) and GND close to the IC pins, respecting the
values given for its capacitance CQ and ESR in the table Chapter 4.2 Functional Range.
10, 11, 12
GND
Ground
Connect all pins to heat sink area.
PinConfig_PG-DSO-14.vsd
SI
I
GND
GND
GND
Q
SO
RADJ
D
GND
GND
GND
EN
RO
14
13
12
11
10
9
8
1
2
3
4
5
6
7


Similar Part No. - TLE4699

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4699E INFINEON-TLE4699E Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
More results

Similar Description - TLE4699

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com