Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B0365J Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE3B0365J
Description  Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0365J Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE3B0365J Datasheet HTML 1Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 2Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 3Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 4Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 5Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 6Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 7Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 8Page - Infineon Technologies AG ICE3B0365J Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Type
Package
Marking
V
DS
F
OSC
R
DSon
1)
1)
typ @ T=25°C
230VAC ±15%
2)
2)
Calculated maximum input power rating at Ta=75°C, Tj=125°C and without copper area as heat sink
85-265 VAC
2)
ICE3B0365J
PG-DIP-8
ICE3B0365J
650V
67kHz
6.45W
22W
10W
ICE3B0565J
PG-DIP-8
ICE3B0565J
650V
67kHz
4.70W
25W
12W
ICE3B1565J
PG-DIP-8
ICE3B1565J
650V
67kHz
1.70W
42W
20W
ICE3BR2065J
PG-DIP-8
ICE3B2065J
650V
67kHz
0.92W
57W
28W
Version 2.6
3
4 Jul 2011
CoolSET®-F3R
ICE3Bxx65J
Off-Line SMPS Current Mode Controller with
integrated 650V CoolMOS
® and Startup cell
(frequency jitter Mode) in DIP-8
PG-DIP-8
Product Highlights
• Active Burst Mode to reach the lowest Standby Power
Requirements < 100mW
• Adjustable Blanking Window for High Load Jumps to
increase Reliability
• Frequency Jittering for Low EMI
• Pb-free lead plating, RoHS compilant
Features
650V Avalanche Rugged CoolMOS
® with built in
switchable Startup Cell
Active Burst Mode for lowest Standby Power
@ light load controlled by Feedback Signal
Fast Load Jump Response in Active Burst Mode
67 kHz fixed Switching Frequency
Auto Restart Mode for Over temperature
Detection
Auto Restart Mode for Overvoltage Detection
Auto Restart Mode for Overload and Open Loop
Auto Restart Mode for VCC Undervoltage
User defined Soft Start
Minimum of external Components required
Max Duty Cycle 75%
Overall Tolerance of Current Limiting < ±5%
Internal Leading Edge Blanking
BiCMOS technology provides wide VCC Range
Frequency Jittering for Low EMI
Description
The CoolSET
®-F3(Jitter version) meets the requirements
for Off-Line Battery Adapters and low cost SMPS for the
lower power range. By use of a BiCMOS technology a wide
VCC range up to 26V is provided. This covers the changes
in the auxiliary supply voltage if a CV/CC regulation is
implemented on the secondary side. Furthermore an Active
Burst Mode is integrated to fullfill the lowest Standby Power
Requirements <100mW at no load and V
in = 270VAC. As
during Active Burst Mode the controller is always active
there is an immediate response on load jumps possible
without any black out in the SMPS. In Active Burst Mode
the ripple of the output voltage can be reduced <1%.
Furthermore Auto Restart Mode is entered in case of
Overtemperature, VCC Overvoltage, Output Open loop or
Overload and VCC Undervoltage. By means of the internal
precise peak current limitation, the dimension of the
transformer and the secondary diode can be lowered which
leads to more cost efficiency.
C
SoftS
C
VCC
C
Bulk
Converter
DC Output
+
Snubber
Power Management
PW M Controller
Current Mode
85 ... 270 VAC
Typical Application
R
Sense
SoftS
FB
GND
Active Burst Mode
Auto Restart Mode
Control
Unit
-
CS
VCC
Startup Cell
Precise Low Tolerance Peak
Current Limitation
Drain
CoolSET
™-F3
(Jitter Version)
Depl. CoolMOS


Similar Part No. - ICE3B0365J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365J INFINEON-ICE3B0365J Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
ICE3B0365J INFINEON-ICE3B0365J Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
ICE3B0365J INFINEON-ICE3B0365J Datasheet
938Kb / 28P
   CoolSET짰-F3 (Ji tter Version) Off-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS짰 and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.9 2013-03-25
ICE3B0365J-T INFINEON-ICE3B0365J-T Datasheet
797Kb / 25P
   nullOff-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS® and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.0, 20 Mar 2013
More results

Similar Description - ICE3B0365J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3BR1465JF INFINEON-ICE3BR1465JF Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controllerwith integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in FullPak
Version 2.1, 7 May 2011
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE2QR1765 INFINEON-ICE2QR1765 Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-8
Version 2.2, August 30, 2011
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3AR10080CJZ INFINEON-ICE3AR10080CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com