Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3AR10080CJZ Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICE3AR10080CJZ
Description  Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AR10080CJZ Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICE3AR10080CJZ Datasheet HTML 6Page - Infineon Technologies AG ICE3AR10080CJZ Datasheet HTML 7Page - Infineon Technologies AG ICE3AR10080CJZ Datasheet HTML 8Page - Infineon Technologies AG ICE3AR10080CJZ Datasheet HTML 9Page - Infineon Technologies AG ICE3AR10080CJZ Datasheet HTML 10Page - Infineon Technologies AG ICE3AR10080CJZ Datasheet HTML 11Page - Infineon Technologies AG ICE3AR10080CJZ Datasheet HTML 12Page - Infineon Technologies AG ICE3AR10080CJZ Datasheet HTML 13Page - Infineon Technologies AG ICE3AR10080CJZ Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CoolSET®-F3R80
ICE3AR10080CJZ
Functional Description
Version 2.0
10
11 Jan 2012
7). It allows the duty cycle to be reduced continuously
till 0% by decreasing VFBB below that threshold.
Figure 7
Light Load Conditions
3.3.1
PWM-OP
The input of the PWM-OP is applied over the internal
leading edge blanking to the external sense resistor
RSense connected to pin CS. RSense converts the source
current into a sense voltage. The sense voltage is
amplified with a gain of 3.25 by PWM OP. The output
of the PWM-OP is connected to the voltage source V1.
The voltage ramp with the superimposed amplified
current signal is fed into the positive inputs of the PWM-
Comparator C8 and the Soft-Start-Comparator (Figure
8).
3.3.2
PWM-Comparator
The PWM-Comparator compares the sensed current
signal of the integrated CoolMOS® with the feedback
signal VFBB (Figure 8). VFBB is created by an external
optocoupler or external transistor in combination with
the internal pull-up resistor RFB and provides the load
information of the feedback circuitry. When the
amplified current signal of the integrated CoolMOS®
exceeds the signal VFBB the PWM-Comparator
switches off the Gate Driver.
Figure 8
PWM Controlling
3.3.3
Slope Compensation
Due to the sub harmonic oscillation of CCM operation
when duty cycle is larger than 50%, the slope
compensation is added.
The slope Mc; 50mV/ms is added to the current sense
pin when gate is on.
During burst mode operation, the Mc slope is shut
down and no slope added into the current sense signal.
This can save the power consumption at burst mode.
Figure 9
Slope compesnation
t
t
VOSC
0.6V
FBB
t
max.
Duty Cycle
Gate
Driver
Voltage
Ramp
156ns time delay
X3.25
PWM OP
Improved
Current Mode
PWM Comparator
CS
Soft-Start Comparator
5V
C8
0.6V
FBB
Optocoupler
RFB
PWM-Latch
x3.25
PWMOP
Gate Drive
signal
C8
0.62V
Mc=50mV/us
Slope
compensation
PWM
comparator
S5
5.0V
10k
D2
1pF
LEB
180/220ns
Rslope
FB
Active burst
mode
PWMlatch
CS


Similar Part No. - ICE3AR10080CJZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
More results

Similar Description - ICE3AR10080CJZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AR2280CJZ INFINEON-ICE3AR2280CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE2QR4780Z INFINEON-ICE2QR4780Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 800V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR2280Z INFINEON-ICE2QR2280Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 800V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR0665Z INFINEON-ICE2QR0665Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1065Z INFINEON-ICE2QR1065Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1765Z INFINEON-ICE2QR1765Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR4765Z INFINEON-ICE2QR4765Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com