Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2QR1765G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE2QR1765G
Description  Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2QR1765G Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE2QR1765G Datasheet HTML 1Page - Infineon Technologies AG ICE2QR1765G Datasheet HTML 2Page - Infineon Technologies AG ICE2QR1765G Datasheet HTML 3Page - Infineon Technologies AG ICE2QR1765G Datasheet HTML 4Page - Infineon Technologies AG ICE2QR1765G Datasheet HTML 5Page - Infineon Technologies AG ICE2QR1765G Datasheet HTML 6Page - Infineon Technologies AG ICE2QR1765G Datasheet HTML 7Page - Infineon Technologies AG ICE2QR1765G Datasheet HTML 8Page - Infineon Technologies AG ICE2QR1765G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Type
Package
Marking
VDS
RDSon1)
1)
typ @ T=25°C
230VAC ±15%2)
2)
Calculated maximum input power rating at Ta=50°C, Ti=125°C and without copper area as heat sink.
85-265 VAC2)
ICE2QR1765G
PG-DSO-16/12
2QR1765G
650V
1.70
49W
28W
CoolSET® - Q1
ICE2QR1765G
Version 2.0
3
March 11, 2011
Off-Line SMPS Quasi-Resonant PWM
Controller with integrated 650V CoolMOS®
and startup cell in DSO-16/12
PG-DSO-16/12
Description
The CoolSET®-Q1 series (ICE2QRxx65) is the first
generation of quasi-resonant integrated power ICs. It is
optimized for off-line switch mode power supply
applications such as LCD monitor, DVD R/W, DVD
Combo, Blue-ray DVD, set top box, etc. Operating the
MOSFET switch in quasi-resonant mode, lower EMI,
higher efficiency and lower voltage stress on secondary
diodes are expected for the SMPS. Based on the
BiCMOS technology, the CoolSET®-Q1 series has a
wide operation range (up to 25V) of IC power supply
and lower power consumption. It also offers many
advantages such as quasi-resonant operation till very
low load which increases the average system efficiency,
Active Burst Mode operation which enables an ultra-low
power consumption at standby mode with small and
controllable output voltage ripple, etc.
Product Highlights
• Quasi resonant operation
• Active Burst Mode to reach the lowest standby power requirement
<100mW@no load
• Digital frequency reduction for better overall system efficiency
• Integrated 650V avalanche rugged CoolMOS® with startup cell
• PB-free lead plating; RoHS compliant
Features
• 650V avalanche rugged CoolMOS® with built-in
startup cell
• Quasiresonant operation till very low load
• Active burst mode operation for low standby input
power (< 0.1W)
• Digital frequency reduction with decreasing load for
reduced switching loss
• Built-in digital soft-start
• Foldback point correction and cycle-by-cycle peak
current limitation
• Maximum on/off time limitation
• Auto restart mode for VCC Overvoltage and
Undervoltage protections
• Auto restart mode for overload protection
• Auto restart mode for overtemperature protection
• Latch-off mode for adjustable output overvoltage
protection and transformer short-winding protection
85 ~ 265 VAC
Snubber
Cbus
Dr1~Dr4
RCS
TL431
Optocoupler
Rb1
Rb2
Rc1
Cc1
Cc2
Rovs2
Rovs1
CVCC
DVCC
DO
CO
Lf
Cf
VO
CPS
Startup Cell
CoolSET
®-Q1
CoolMOS
®
Wp
Ws
Wa
RVCC
CZC RZC2
RZC1
Drain
Zero Crossing Block
Power Management
Cycle-by-Cycle
current limitation
Active Burst Mode
PWM controller
Current Mode Control
Protections
VCC
CS
Control Unit
ZC
FB
GND


Similar Part No. - ICE2QR1765G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR1765G INFINEON-ICE2QR1765G_14 Datasheet
2Mb / 27P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
V2.1, 2014-04-01
More results

Similar Description - ICE2QR1765G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR0665G INFINEON-ICE2QR0665G Datasheet
901Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, July 4, 2011
ICE2QR4765G INFINEON-ICE2QR4765G Datasheet
325Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, July 26, 2011
ICE2QR4765G INFINEON-ICE2QR4765G_14 Datasheet
1Mb / 27P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
V2.1, 2014-04-01
ICE2QR1765G INFINEON-ICE2QR1765G_14 Datasheet
2Mb / 27P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
V2.1, 2014-04-01
ICE2QR0665G INFINEON-ICE2QR0665G_14 Datasheet
2Mb / 27P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
V2.1, 2014-04-01
ICE2QR0665Z INFINEON-ICE2QR0665Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1065Z INFINEON-ICE2QR1065Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1765Z INFINEON-ICE2QR1765Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR4765Z INFINEON-ICE2QR4765Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1765 INFINEON-ICE2QR1765 Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-8
Version 2.2, August 30, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com