Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZ41A Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BUZ41A
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ41A Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BUZ41A Datasheet HTML 1Page - Siemens Semiconductor Group BUZ41A Datasheet HTML 2Page - Siemens Semiconductor Group BUZ41A Datasheet HTML 3Page - Siemens Semiconductor Group BUZ41A Datasheet HTML 4Page - Siemens Semiconductor Group BUZ41A Datasheet HTML 5Page - Siemens Semiconductor Group BUZ41A Datasheet HTML 6Page - Siemens Semiconductor Group BUZ41A Datasheet HTML 7Page - Siemens Semiconductor Group BUZ41A Datasheet HTML 8Page - Siemens Semiconductor Group BUZ41A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
07/96
BUZ 41 A
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
4.5
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
18
Inverse diode forward voltage
VGS = 0 V, IF = 9 A
VSD
-
1
1.2
V
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/µs
trr
-
350
-
ns
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
3
-
µC


Similar Part No. - BUZ41A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
   4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
BUZ41A NJSEMI-BUZ41A Datasheet
105Kb / 4P
   Enhancement mode
logo
Inchange Semiconductor ...
BUZ41A ISC-BUZ41A Datasheet
66Kb / 2P
   SOA is Power Dissipation Limited
More results

Similar Description - BUZ41A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com