Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67078-A3209-A2 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # C67078-A3209-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-A3209-A2 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  C67078-A3209-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-A3209-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-A3209-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-A3209-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-A3209-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-A3209-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-A3209-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-A3209-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-A3209-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
07/96
Semiconductor Group
BUZ 384
Drain current
ID = ƒ(TC)
parameter:
V
GS ≥ 10 V
0
20
40
60
80
100
120
°C
160
T
C
0
1
2
3
4
5
6
7
8
9
A
11
I
D
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
°C
160
T
C
0
10
20
30
40
50
60
70
80
90
100
110
W
130
P
tot
Safe operating area
I
D = ƒ(VDS)
parameter:
D = 0.01, T
C = 25°C
-1
10
0
10
1
10
2
10
A
I
D
10
0
10
1
10
2
10
3
V
V
DS
DC
10 ms
1 ms
100 µs
t
p
= 20.0µs
Transient thermal impedance
Z
th JC = ƒ(tp)
parameter:
D = t
p / T
-3
10
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - C67078-A3209-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-A3200-A2 SIEMENS-C67078-A3200-A2 Datasheet
179Kb / 6P
   main ratings
C67078-A3204-A2 SIEMENS-C67078-A3204-A2 Datasheet
176Kb / 6P
   main ratings
C67078-A3205-A2 SIEMENS-C67078-A3205-A2 Datasheet
152Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
C67078-A3206-A2 SIEMENS-C67078-A3206-A2 Datasheet
178Kb / 6P
   main ratings
C67078-A3207-A2 SIEMENS-C67078-A3207-A2 Datasheet
160Kb / 9P
   SIPMOS Power Transistor(400 V 12.5A 0.4 Ohm TO-218AA)
More results

Similar Description - C67078-A3209-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ380 SIEMENS-BUZ380 Datasheet
152Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com