Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH127CA Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH127CA
Description  Ferrite drum core construction.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127CA Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH127CA Datasheet HTML 1Page - Sumida Corporation CDRH127CA Datasheet HTML 2Page - Sumida Corporation CDRH127CA Datasheet HTML 3Page - Sumida Corporation CDRH127CA Datasheet HTML 4Page - Sumida Corporation CDRH127CA Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
Revised: 15-Aug-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH127C/A
0
100
200
300
400
500
600
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0
70
140
210
280
350
420
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0
50
100
150
200
250
300
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.0 0.4 0.8 1.2 1.6 2.0
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0 0.5 1.0 1.5 2.0 2.5
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0
0.8
1.6
2.4
3.2
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
L (20
℃)
△T
L (125
℃)
13. CDRH127C/ANP-101MC
△T (℃)
L (
μH)
DC (A)
14. CDRH127C/ANP-121MC
△T (℃)
L (
μH)
DC (A)
15. CDRH127C/ANP-151MC
DC (A)
△T (℃)
L (
μH)
16. CDRH127C/ANP-181MC
△T (℃)
L (
μH)
DC (A)
17. CDRH127C/ANP-221MC
△T (℃)
L (
μH)
DC (A)
18. CDRH127C/ANP-271MC
DC (A)
△T (℃)
L (
μH)
19. CDRH127C/ANP-331MC
△T (℃)
L (
μH)
DC (A)
20. CDRH127C/ANP-391MC
△T (℃)
L (
μH)
DC (A)
20. CDRH127C/ANP-471MC
△T (℃)
L (
μH)
DC (A)


Similar Part No. - CDRH127CA

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127C SUMIDA-CDRH127C Datasheet
184Kb / 2P
   POWER INDUCTORS
CDRH127C/A SUMIDA-CDRH127C/A Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CDRH127C/ANP-100M SUMIDA-CDRH127C/ANP-100M Datasheet
184Kb / 2P
   POWER INDUCTORS
CDRH127C/ANP-101M SUMIDA-CDRH127C/ANP-101M Datasheet
184Kb / 2P
   POWER INDUCTORS
CDRH127C/ANP-120M SUMIDA-CDRH127C/ANP-120M Datasheet
184Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH127CA

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com