Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRCH12D78BHF-101MC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRCH12D78BHF-101MC
Description  SMD Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRCH12D78BHF-101MC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRCH12D78BHF-101MC Datasheet HTML 1Page - Sumida Corporation CDRCH12D78BHF-101MC Datasheet HTML 2Page - Sumida Corporation CDRCH12D78BHF-101MC Datasheet HTML 3Page - Sumida Corporation CDRCH12D78BHF-101MC Datasheet HTML 4Page - Sumida Corporation CDRCH12D78BHF-101MC Datasheet HTML 5Page - Sumida Corporation CDRCH12D78BHF-101MC Datasheet HTML 6Page - Sumida Corporation CDRCH12D78BHF-101MC Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
Revised: 4-Jan-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRCH12D78B
0
100
200
300
400
500
600
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
13. CDRCH12D78BHF-471MC
△T (℃)
L (
μH)
DC (A)
Saturation Current & Temperature Rise Graph - Series Mode
L (20
℃)
△T
0
8
16
24
32
40
48
0
2
4
6
8
0
10
20
30
40
50
60
3. CDRCH12D78BHF-100MC
△T (℃)
L (
μH)
DC (A)
0
30
60
90
120
150
180
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
6. CDRCH12D78BHF-330MC
△T (℃)
L (
μH)
DC (A)
0
4
8
12
16
20
24
0
2
4
6
8
10
0
10
20
30
40
50
60
1. CDRCH12D78BHF-4R7NC
△T (℃)
L (
μH)
DC (A)
0
15
30
45
60
75
90
0
1
2
3
4
5
6
0
10
20
30
40
50
60
4. CDRCH12D78BHF-150MC
△T (℃)
L (
μH)
DC (A)
0
5
10
15
20
25
30
0
2
4
6
8
0
10
20
30
40
50
60
2. CDRCH12D78BHF-6R8NC
△T (℃)
L (
μH)
DC (A)
0
15
30
45
60
75
90
0
1
2
3
4
5
0
10
20
30
40
50
60
5. CDRCH12D78BHF-220MC
△T (℃)
L (
μH)
DC (A)
0
40
80
120
160
200
240
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
7. CDRCH12D78BHF-470MC
△T (℃)
L (
μH)
DC (A)
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
8. CDRCH12D78BHF-680MC
△T (℃)
L (
μH)
DC (A)
0
70
140
210
280
350
420
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
60
9. CDRCH12D78BHF-101MC
△T (℃)
L (
μH)
DC (A)


Similar Part No. - CDRCH12D78BHF-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRCH12D78BHF-101MC SUMIDA-CDRCH12D78BHF-101MC Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results

Similar Description - CDRCH12D78BHF-101MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com