Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4P606 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P606
Description  PIN Diodes for Microwave Switch Designs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P606 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MA4P606 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P606 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P606 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P606 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P606 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P606 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P606 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P606 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MA4P606 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PIN Diodes for Microwave Switch Designs
Rev. V2
AN3021
8
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Schematic 4: SP2T Series-Shunt, 40 dB Isolation Design with Positive & Negative Bias Current
B2
330 Ω
Shunt Diode
Series Diode
J1
J3
J2
Series Diode
Shunt Diode
B3
Schematic 4: D.C. Bias to RF Truth Table
RF State
B2 Bias
B3 Bias
Low Loss J1-J2 & Isolation J1-J3
-4 V @ 10 mA
+1 V @ +10 mA
Low Loss J1-J3 & Isolation J1-J2
+1 V @ +10 mA
-4 V @ -10 mA


Similar Part No. - MA4P606

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P606 MA-COM-MA4P606 Datasheet
446Kb / 6P
   Multi Purpose Axial Leaded Glass PIN Diodes
logo
Tyco Electronics
MA4P606-131 MACOM-MA4P606-131 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4P606-30 MA-COM-MA4P606-30 Datasheet
375Kb / 7P
   Packaged PIN Diodes RoHS Compliant
More results

Similar Description - MA4P606

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N21B NJSEMI-1N21B Datasheet
61Kb / 1P
   Microwave Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
logo
Microsemi Corporation
MPP4201 MICROSEMI-MPP4201 Datasheet
63Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES
logo
Micrel Semiconductor
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
logo
M/A-COM Technology Solu...
AG318 MA-COM-AG318 Datasheet
214Kb / 5P
   Comparison of Gallium Arsenide and Silicon PIN Diodes for High Speed Microwave Switches
logo
Skyworks Solutions Inc.
APN1001 SKYWORKS-APN1001 Datasheet
195Kb / 5P
   Circuit Models for Plastic Packaged Microwave Diodes
logo
Rohm
RN77 ROHM-RN77 Datasheet
611Kb / 1P
   PIN Diodes for Attenuators
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com