Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120-144-28YR Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 120-144-28YR
Description  Annular Convoluted Tubing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

120-144-28YR Datasheet(HTML) 1 Page - Glenair, Inc.

  120-144-28YR Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAGE Code 06324
©2011 Glenair, Inc.
Printed in U.S.A.
10
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
For non-environmental and non-EMI/RFI applications—split versions available
120-144
Annular Convoluted tubing
LENGTH
(AS SPECIFIED IN P.O.)
B TyP
A TyP
How To Order
Product
Series
Basic No.
Dash No.
(Table I)
Tubing Option
(Table II)
S = Slit, Type II
(Omit for Standard,
Type I, Without Slit)
120 - 144 - 16 Y R S
Color Option
Table III
(Omit for Std. Black)
Packaging
Long-length orders of conduit are subject to the practical limits of shipping box sizes.
For example, the maximum length of 1/2 inch (dash 16) conduit that can fit in a standard
shipping container is 1000 feet. Unless otherwise specified, Glenair standard practice is to
ship optimal lengths of conduit material based on tubing diameter and box size. Consult
factory for non-standard length or packaging requirements.
table i - dash number/diameter
Dash
No
A Inside Dia
B Outside Dia
Min
Max
Min
Max
09
.24 (6.1)
.28 (7.1)
.38 (9.7)
.42 (10.7)
12
.33 (8.4)
.37 (9.4)
.48 (12.2)
.52 (13.2)
16
.45 (11.4)
.50 (12.7)
.60 (15.2)
.66 (16.8)
20
.57 (14.5)
.62 (15.7)
.71 (18.0)
.77 (20.0)
24
.69 (17.5)
.75 (19.1)
.88 (22.4)
.94 (23.9)
28
.81 (20.6)
.87 (22.1)
1.00 (25.4)
1.08 (27.4)
32
.93 (23.6)
1.00 (25.4)
1.12 (28.4)
1.20 (30.5)
40
1.18 (30.0)
1.25 (31.8)
1.36 (34.5)
1.44 (36.6)
48
1.43 (36.3)
1.50 (38.1)
1.63 (41.4)
1.71 (43.4)
52
1.56 (39.6)
1.63 (41.4)
1.77 (45.0)
1.85 (47.0)
table ii - tubing option
Y
Kynar/Thermally stabilized
V
PVDF/Not thermally stabilized
S
Siltem/Medium duty
table iii - Color option
N
Natural/Clear
R
Red (available in Kynar and PVDF only)
Y
Yellow (available in Kynar and PVDF only)
BL Blue (available in Kynar and PVDF only)
TN Desert Tan (available in Kynar and PVDF only)
O
Orange (available in Kynar and PVDF only)
Omit for standard black
Blue, Yellow, Red, Desert
Tan, and Orange Annular
Convoluted Tubing
Standard Black and
Natural/Clear Annular
Convoluted Tubing
Standard Packaging
Dash No
(i.D.)
max.
Length
09 (.281”)
2000 ft.
12 (.375”)
1500 ft.
16 (.5”)
1000 ft.
20 (.625”)
700 ft.
24 (.75”)
500 ft.
32 (1”)
300 ft.
40 (1.25”)
200 ft.
48 (1.5”)
200 ft.
52 (1.625”)
200 ft.


Similar Part No. - 120-144-28YR

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
120-1 HELLERMANNTYTON-120-1 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Glenair, Inc.
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BF GLENAIR-120-100-1-1-06BF Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BK GLENAIR-120-100-1-1-06BK Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-100-1-1-06BP GLENAIR-120-100-1-1-06BP Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
More results

Similar Description - 120-144-28YR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-190 GLENAIR-121-190 Datasheet
180Kb / 1P
   Annular Convoluted Tubing with External Braid
121-192 GLENAIR-121-192 Datasheet
188Kb / 1P
   Annular Convoluted Tubing with Double External Braid
120-001 GLENAIR-120-001 Datasheet
113Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-014 GLENAIR-121-014 Datasheet
119Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-001-09 GLENAIR-121-001-09 Datasheet
121Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-003-09 GLENAIR-121-003-09 Datasheet
117Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-007-09E GLENAIR-121-007-09E Datasheet
114Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-004-09 GLENAIR-121-004-09 Datasheet
119Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-015-09E GLENAIR-121-015-09E Datasheet
110Kb / 1P
   72 Annular Convoluted Tubing Thermally Stabilized Kynar
121-191 GLENAIR-121-191 Datasheet
193Kb / 1P
   Annular Convoluted Tubing with External Braid and Jacket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com