Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

151-004-1-1 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 151-004-1-1
Description  U-228 . MIL-DTL-55116 Type In-Line Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

151-004-1-1 Datasheet(HTML) 1 Page - Glenair, Inc.

  151-004-1-1 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail:sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
7
© 2012 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
MIL-DTL-38999 type in-line audio receptacle with wire strain relief
151-004 • M55116/11 – /14
U-228 • MIL-DTL-55116 Type In-Line Receptacle
Ø
.908(23.1)
.898 (22.8)
1.200 (30.5)
Ref
1.579 (40.1)
Ref
.360 (9.14)
Ref
.250 (1.35)
Ref
Ø
.631(16.0)
.627 (15.9)
These Series 151 MIL-DTL-38999 Type in-line audio receptacle are designed for high-
reliability tactical communications equipment. They are available in both 5 pin and 6 pin
configurations, with either crimp sleeve or solder cup pogo pin terminals. All feature wire
strain relief to protect cable conductors from damage. Shells are made of passivated
stainless steel, contacts are gold plated copper alloy. Receptacle connector contacts are
sealed in the unmated condition.
U-228Receptacle,
5CrimpContacts
U-228Receptacle,
6CrimpContacts
U-228Receptacle,
5SolderCup
Contacts
U-228Receptacle,
6SolderCup
Contacts
No. of
Contacts
Contact
Type
Ø Cable
± .010
MIL SPEC
Part Number
Glenair
Part Number
Mates With
5
Crimp
.165
M55116/11-1
151-004-1-1
151-001-1
151-001-3
151-002-1
151-002-3
.228
M55116/11-2
151-004-1-2
.250
M55116/11-3
151-004-1-3
.290
M55116/11-4
151-004-1-4
.320
M55116/11-5
151-004-1-5
6
Crimp
.165
M55116/12-1
151-004-2-1
151-001-2
151-001-4
151-002-2
151-002-4
.228
M55116/12-2
151-004-2-2
.250
M55116/12-3
151-004-2-3
.290
M55116/12-4
151-004-2-4
.320
M55116/12-5
151-004-2-5
5
Solder Cup
.165
M55116/13-1
151-004-3-1
151-001-1
151-001-3
151-002-1
151-002-3
.228
M55116/13-2
151-004-3-2
.250
M55116/13-3
151-004-3-3
.290
M55116/13-4
151-004-3-4
.320
M55116/13-5
151-004-3-5
6
Solder Cup
.165
M55116/14-1
151-004-4-1
151-001-2
151-001-4
151-002-2
151-002-4
.228
M55116/14-2
151-004-4-2
.250
M55116/14-3
151-004-4-3
.290
M55116/14-4
151-004-4-4
.320
M55116/14-5
151-004-4-5


Similar Part No. - 151-004-1-1

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
151-00023 GAMEWELL-FCI-151-00023 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
151-00027 GAMEWELL-FCI-151-00027 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
151-00028 GAMEWELL-FCI-151-00028 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
151-00029 GAMEWELL-FCI-151-00029 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
logo
Glenair, Inc.
151-001-1-1 GLENAIR-151-001-1-1 Datasheet
354Kb / 1P
   U-229 ??MIL-DTL-55116 Type Audio Plugs Field Serviceable with Wire Strain Relief
More results

Similar Description - 151-004-1-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
151-003 GLENAIR-151-003 Datasheet
291Kb / 1P
   U-183 . MIL-DTL-55116 Type Jam Nut Receptacle
151-002 GLENAIR-151-002 Datasheet
319Kb / 1P
   U-182 . MIL-DTL-55116 Type Audio Plugs Molded Strain Relief for Overmolding
151_001 GLENAIR-151_001 Datasheet
354Kb / 1P
   U-229 ??MIL-DTL-55116 Type Audio Plugs Field Serviceable with Wire Strain Relief
050_304 GLENAIR-050_304 Datasheet
734Kb / 8P
   MIL-DTL-38999 type receptacle connector
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
230-036 GLENAIR-230-036 Datasheet
288Kb / 2P
   MIL-DTL-26500 Type Hermetic Class Receptacle
230-038 GLENAIR-230-038 Datasheet
290Kb / 2P
   MIL-DTL-26500 Type Hermetic Class Receptacle
237-165 GLENAIR-237-165 Datasheet
295Kb / 2P
   MIL-DTL-26500 Type Hermetic Class Receptacle
230-039 GLENAIR-230-039 Datasheet
316Kb / 2P
   MIL-DTL-26500 Type Hermetic Class Receptacle
230-040 GLENAIR-230-040 Datasheet
322Kb / 2P
   MIL-DTL-26500 Type Hermetic Class Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com