Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

151-001-1-5 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 151-001-1-5
Description  U-229 ??MIL-DTL-55116 Type Audio Plugs Field Serviceable with Wire Strain Relief
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

151-001-1-5 Datasheet(HTML) 1 Page - Glenair, Inc.

  151-001-1-5 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail:sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
4
© 2012 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
No. of
Contacts
Contact
Type
Ø Cable
± .010
MIL SPEC
Part Number
Glenair
Part Number
Mates With
5
Crimp
.165
M55116/1-1
151-001-1-1
151-003-1
151-004-1
151-004-3
.228
M55116/1-2
151-001-1-2
.250
M55116/1-3
151-001-1-3
.290
M55116/1-4
151-001-1-4
.320
M55116/1-5
151-001-1-5
6
Crimp
.165
M55116/2-1
151-001-2-1
151-003-2
151-004-2
151-004-4
.228
M55116/2-2
151-001-2-2
.250
M55116/2-3
151-001-2-3
.290
M55116/2-4
151-001-2-4
.320
M55116/2-5
151-001-2-5
5
Solder Cup
.165
M55116/3-1
151-001-3-1
151-003-1
151-004-1
151-004-3
.228
M55116/3-2
151-001-3-2
.250
M55116/3-3
151-001-3-3
.290
M55116/3-4
151-001-3-4
.320
M55116/3-5
151-001-3-5
6
Solder Cup
.165
M55116/4-1
151-001-4-1
151-003-2
151-004-2
151-004-4
.228
M55116/4-2
151-001-4-2
.250
M55116/4-3
151-001-4-3
.290
M55116/4-4
151-001-4-4
.320
M55116/4-5
151-001-4-5
MIL-DTL-55116 type audio plug, field serviceable with wire strain relief
U-229Plug,
5CrimpContacts
U-229Plug,
6CrimpContacts
U-229Plug,
5SolderCup
Contacts
U-229Plug,
6SolderCup
Contacts
These Series 151 MIL-DTL-55116 Type audio plugs are designed for high-reliability, severe
environment radio communications equipment. They are available in both 5 pin and 6
pin configurations, with either crimp sleeve or solder cup pogo pin terminals. All feature
versatile wire strain relief to protect cable conductors from damage. Shells are made of
passivated stainless steel, contacts are gold plated copper alloy. Plug connector contacts
are sealed in the unmated condition.
Flat In Knurl
Ø
.836(21.2)
.826 (21.0)
1.308
(33.2)
1.200
(30.5)
Ref
.360 (9.14)
Ref
.250 (1.35)
Ref
151-001 • M55116/1 – /4
U-229 • MIL-DTL-55116 Type Audio Plugs
Field Serviceable with Wire Strain Relief


Similar Part No. - 151-001-1-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
151-00115 ETC2-151-00115 Datasheet
102Kb / 1P
   Cable Tie Mount s
151-00135 ETC2-151-00135 Datasheet
102Kb / 1P
   Cable Tie Mount s
More results

Similar Description - 151-001-1-5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
151-002 GLENAIR-151-002 Datasheet
319Kb / 1P
   U-182 . MIL-DTL-55116 Type Audio Plugs Molded Strain Relief for Overmolding
151-003 GLENAIR-151-003 Datasheet
291Kb / 1P
   U-183 . MIL-DTL-55116 Type Jam Nut Receptacle
151-004 GLENAIR-151-004 Datasheet
834Kb / 1P
   U-228 . MIL-DTL-55116 Type In-Line Receptacle
152_001 GLENAIR-152_001 Datasheet
170Kb / 1P
   Audio plug with wire strain relief
151_001 GLENAIR-151_001_15 Datasheet
250Kb / 1P
   Field-Serviceable Audio Plug
logo
Tyco Electronics
1-100103-4 MACOM-1-100103-4 Datasheet
60Kb / 1P
   AMP-LATCH MIL-TYPE RECEPT, CONN, STRAIN-RELIEF
logo
Glenair, Inc.
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
logo
Molex Electronics Ltd.
15040296 MOLEX-15040296 Datasheet
158Kb / 2P
   STRAIN RELIEF FOR MINI-FIT PLUGS AND RECEPTACLES
logo
Glenair, Inc.
240-288J GLENAIR-240-288J Datasheet
92Kb / 2P
   MIL-DTL-28840 Type Filter Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com