Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICF12005A007V Datasheet(PDF) 2 Page - TDK Electronics

Part # ICF12005A007V
Description  ICF Series ??Non-isolated SMT Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICF12005A007V Datasheet(HTML) 2 Page - TDK Electronics

  ICF12005A007V Datasheet HTML 1Page - TDK Electronics ICF12005A007V Datasheet HTML 2Page - TDK Electronics ICF12005A007V Datasheet HTML 3Page - TDK Electronics ICF12005A007V Datasheet HTML 4Page - TDK Electronics ICF12005A007V Datasheet HTML 5Page - TDK Electronics ICF12005A007V Datasheet HTML 6Page - TDK Electronics ICF12005A007V Datasheet HTML 7Page - TDK Electronics ICF12005A007V Datasheet HTML 8Page - TDK Electronics ICF12005A007V Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Advance Data Sheet: iCF Series – Non-isolated SMT Power Module
©2010 TDK Innoveta Inc.
iCF12_3A_Full_Datasheet_091010.doc 9/10/2010 rev 1.1
(877) 498-0099
2/16
Ordering information:
Product
Identifier
Package Size
Platform
Input
Voltage
Output
Current/
Power
Units
Main
Output
Voltage
# of
Outputs
Safety
Class
Feature Set
RoHS
Indicator
i
C
F
12
003
A
007
V
-
0
06
-
R
TDK
Innoveta
12.19 mm x
12.19 mm
iCF
4.5V to
14V
005- 4.5
003- 3.0
Amps
0.70V to
5.5V
Single
See option
table
R=RoHS 6
Compliant
Option Table:
Feature Set
Positive
Logic On/Off
Negative
Logic On/Off
LGA Solder
Bumping*
EPC Solder
Bumping*
Product Label
Marking
02
X
x
-002
03
X
x
-003
06
X
x
-006
07
X
x
-007
* LGA solder bumping option is recommended for customers using the DOSA standard land grid array
footprint and EPC soldering bumping is recommended for customers using the inspectable edge plated
castellation pads
Product Offering:
Code
Input Voltage
Output Voltage
Output Current
Maximum
Output Power
Efficiency
iCF12005A007V
4.5V-14V
0.70V-5.5V
4.5A
23W
94%
iCF12003A007V
4.5V-14V
0.70V-5.5V
3A
16.5W
94%
3320 Matrix Drive, Suite 100
Richardson, TX 75802
Phone (877) 498-0099 Toll Free
(469) 916-4747
Fax
(877) 498-0143 Toll Free
(214) 239-3101
support@tdkinnoveta.com
http://www.tdkinnoveta.com/


Similar Part No. - ICF12005A007V

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICF12005A007V-006-R TDK-ICF12005A007V-006-R Datasheet
178Kb / 2P
   DC-DC Converters
ICF12005A007V-007-R TDK-ICF12005A007V-007-R Datasheet
178Kb / 2P
   DC-DC Converters
More results

Similar Description - ICF12005A007V

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MX10A-3-5SA BOURNS-MX10A-3-5SA Datasheet
312Kb / 2P
   SMT Non-Isolated Power Module
MX3A-12SA BOURNS-MX3A-12SA Datasheet
301Kb / 2P
   SMT Non-Isolated Power Module
logo
TDK Electronics
IBF12012A007V TDK-IBF12012A007V Datasheet
969Kb / 17P
   IBF Series ??Non-isolated SMT Power Module
ICG12006A007V TDK-ICG12006A007V Datasheet
1Mb / 16P
   ICG Series ??Non-isolated SMT Power Module
IAF12020A007V TDK-IAF12020A007V Datasheet
1Mb / 18P
   iAF Series ??Non-isolated SMT Power Module
logo
List of Unclassifed Man...
MX5A-12SA ETC1-MX5A-12SA Datasheet
175Kb / 2P
   MX5A-12SA SMT Non-Isolated Power Module
logo
Recom International Pow...
ROF-78E3.3-0.5SMD RECOM-ROF-78E3.3-0.5SMD Datasheet
115Kb / 4P
   Non Isolated Power Module
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
logo
Bourns Electronic Solut...
MXT6A-12SA BOURNS-MXT6A-12SA Datasheet
288Kb / 2P
   Non-Isolated Power Module
SXT10A-3-5SA BOURNS-SXT10A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com