Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-301-100 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # A-301-100
Description  100W MODIFIED SINE SAVE DC-AC POWER INVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

A-301-100 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  A-301-100 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. A-301-100 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
A301-100-F3
A302-100-F3
ORDERNO.
SAFETY MODEL NO.
ACRATEDVOLTAGE
Note.1
RATEDPOWER
SURGEPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION
STANDARDRECEPTACLES
LEDINDICATOR
USBPOWER
NOLOADCURRENTDRAW
DCVOLTAGE
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCONNECTOR
DCCURRENT
INPUT
ENVIRONMENT
FUSE
BAT.LOWSHUTDOWN
OVERVOLTAGE
OVERTEMPERATURE
OUTPUTSHORT
REVERSE.POLARITY
OTHERS
APPLICATIONS
PROTECTION
230V
A-100-150W(N)
100W
200W
ModifiedSineWave
50Hz 1%
10A
5VDC/300mA (max.)
0.2A
24V
21~30VDC
10A*1ea
19.5 1V
30~32V
10%
Europe*1ea
Dual-colorindicatordisplayforpoweron/failurestatus
5VDC/500mA (max.)
0.25A
12V
10~15VDC
90%
15A
15A*1ea
10 0.5V
15~17V
60 5
/140 9 F(case)
o
Shut-off
Byfuseopen
ISOLATIONRESISTANCE
I/P-O/P:100MOhmsmin./500VDC /25
/70%RH
EMSIMMUNITY
CompliancetoEN61000-4-2,3
LVD
CompliancetoEN60950-1
DIMENSION
65*170mm(Diameter*L)
COOLING
Byairconvection
PACKING
0.55Kg;30pcs/17.5Kg/CARTON
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
0~+30
@100%load,40
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
0.05%/
(0~50
)
650 50mmCigarette plug*1ea
10%
CompliancetoEN55022classB,72/245/CEE,2006/96/CE
Homeappliance,officeandportableequipmentandvehicle...etc.
Built-in USB interface
Cooling by free air convection(without fan)
Slim size can fit in with the cup holder on vehicles
High efficiency up to 90%
12V or 24V DC input
Input voltage range: -15% ~ +25%
Output voltage regulation: 10%
Protections: Input reverse polarity/Bat. Low shutdown/Over voltage/
Over load/Over temperature/Output short
Output waveform: Modified sine wave
Topology: Microprocessor
Approvals: e13/ CE
1 year warranty
Features :
EMICONDUCTION&RADIATION
SAFETY &
EMC
FileName: A301/302-100-SPEC2008-10-30
100WModifiedSineWaveDC-ACPowerInverter
A301/302-100 series
NOTE
1. AC rated output voltage is measured at 12.5VDC, 25VDC input voltage.


Similar Part No. - A-301-100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150 Datasheet
251Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A-301-150 MEANWELL-A-301-150 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
logo
Ultralife Corporation.
A-301-150 ULTRALIFE-A-301-150 Datasheet
744Kb / 2P
   Satellite Radio Combiner
5/28/14
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-1K0 MEANWELL-A-301-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
More results

Similar Description - A-301-100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A301-100 MEANWELL-A301-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A-302-2K5_0810 MEANWELL-A-302-2K5_0810 Datasheet
380Kb / 2P
   2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-2K5 MEANWELL-A-301-2K5 Datasheet
379Kb / 2P
   2500W Modified Sine Wave DC-AC Power Inverter
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-1K0 MEANWELL-A-301-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
A-301-1K0_0810 MEANWELL-A-301-1K0_0810 Datasheet
309Kb / 2P
   1000W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-600 MEANWELL-A-301-600 Datasheet
391Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-1K7 MEANWELL-A-301-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com