Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6535 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N6535
Description  70NS RECOVERY, AXIAL LEADED, HERMETIC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N6535 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N6535 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N6535

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6535 ETC-1N6535 Datasheet
89Kb / 2P
   2,000 V - 10,000 V Rectifiers
logo
Voltage Multipliers Inc...
1N6535 VMI-1N6535 Datasheet
45Kb / 1P
   Spice Model
1N6535 VMI-1N6535 Datasheet
150Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??70ns ??Hermetic ??JANTX ??JANTXV
More results

Similar Description - 1N6535

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
   High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
SPJ100F VMI-SPJ100F_13 Datasheet
89Kb / 2P
   High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded
logo
New Jersey Semi-Conduct...
1N6512U NJSEMI-1N6512U Datasheet
116Kb / 1P
   SURFACE MOUNT RECTIFIERS 70NS RECOVERY, HERMETIC, JANTX, JANTXV
logo
Voltage Multipliers Inc...
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
   High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
1N6513 VMI-1N6513_13 Datasheet
148Kb / 2P
   High Voltage Diodes - Axial Lead 0.5A - 2.0A ??70ns ??Hermetic ??JANTX ??JANTXV
1N6521 VMI-1N6521_13 Datasheet
142Kb / 2P
   High Voltage Diodes - Axial Lead 100mA - 500mA ??70ns ??Hermetic ??JANTX ??JANTXV
1N6529 VMI-1N6529_13 Datasheet
150Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??70ns ??Hermetic ??JANTX ??JANTXV
logo
Formosa MS
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com