Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67078-S3112-A2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # C67078-S3112-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-S3112-A2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  C67078-S3112-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-S3112-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-S3112-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-S3112-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-S3112-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-S3112-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-S3112-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-S3112-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-S3112-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 326
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 326
400 V
10.5 A
0.5
TO-218 AA
C67078-S3112-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 27 °C
ID
10.5
A
Pulsed drain current
TC = 25 °C
IDpuls
42
Avalanche current,limited by
Tjmax
IAR
10.5
Avalanche energy,periodic limited by
Tjmax
EAR
13
mJ
Avalanche energy, single pulse
ID = 10.5 A, VDD = 50 V, RGS = 25 Ω
L = 9.05 mH, Tj = 25 °C
EAS
570
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
125
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 1
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


Similar Part No. - C67078-S3112-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-S3110-A2 SIEMENS-C67078-S3110-A2 Datasheet
68Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S3111-A2 SIEMENS-C67078-S3111-A2 Datasheet
68Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S3113-A2 SIEMENS-C67078-S3113-A2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S3114-A2 SIEMENS-C67078-S3114-A2 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S3115-A2 SIEMENS-C67078-S3115-A2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results

Similar Description - C67078-S3112-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com