Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6073 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N6073
Description  ULTRA FAST POWER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N6073 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N6073 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N6073

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073 Datasheet
70Kb / 2P
   ULTRA FAST POWER RECTIFIERS
1N6073 MICROSEMI-1N6073 Datasheet
336Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Semtech Corporation
1N6073 SEMTECH-1N6073 Datasheet
175Kb / 4P
   RECTIFIER, up to 150V, 1.8A, 30ns
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Digitron Semiconductors
1N6073 DIGITRON-1N6073 Datasheet
158Kb / 3P
   ULTRA FAST RECTIFIERS
More results

Similar Description - 1N6073

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073 Datasheet
70Kb / 2P
   ULTRA FAST POWER RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR1560 LUGUANG-MUR1560 Datasheet
1Mb / 4P
   Swihchmode Ultra-Fast Power Rectifiers
logo
Gulf Semiconductor
UGRP16D GULFSEMI-UGRP16D Datasheet
186Kb / 2P
   Ultra fast Plastic Power Rectifiers
logo
Shenzhen Luguang Electr...
MURS620 LUGUANG-MURS620 Datasheet
549Kb / 4P
   Switchmode Ultra-Fast Power Rectifiers
Revision:20210615-P1
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com