Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N58012 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N58012
Description  HIGH EFFICIENCY, ESP,K 2.5 AMP TO 20 AMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N58012 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N58012 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 1N58012 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1N58012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5802 MICROSEMI-1N5802 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
1N5802 MICROSEMI-1N5802 Datasheet
318Kb / 2P
   MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
1N5802 MICROSEMI-1N5802 Datasheet
53Kb / 2P
   ULTRA FAST MILITARY RECTIFIERS
1N5802 MICROSEMI-1N5802 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Semtech Corporation
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
   RECTIFIER, up to 150V, 2.5A, 25ns
More results

Similar Description - 1N58012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
800 MICROSEMI-800 Datasheet
120Kb / 3P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
802 MICROSEMI-802 Datasheet
121Kb / 3P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES
1N5802 MICROSEMI-1N5802 Datasheet
318Kb / 2P
   MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
JAN1N5802 MICROSEMI-JAN1N5802 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Goodwork Semiconductor ...
HER101 GWSEMI-HER101 Datasheet
69Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
HER151 GWSEMI-HER151 Datasheet
69Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER801 GWSEMI-HER801 Datasheet
72Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
HER1601CT GWSEMI-HER1601CT Datasheet
72Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
HERF1601CT GWSEMI-HERF1601CT Datasheet
74Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
1H1 FORMOSA-1H1 Datasheet
34Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com