Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX300 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # RX300
Description  Fujitsu PRIMERGY RX300 S6 Dual socket 2 U rack server
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

RX300 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button RX300 Datasheet HTML 2Page - Fujitsu Component Limited. RX300 Datasheet HTML 3Page - Fujitsu Component Limited. RX300 Datasheet HTML 4Page - Fujitsu Component Limited. RX300 Datasheet HTML 5Page - Fujitsu Component Limited. RX300 Datasheet HTML 6Page - Fujitsu Component Limited. RX300 Datasheet HTML 7Page - Fujitsu Component Limited. RX300 Datasheet HTML 8Page - Fujitsu Component Limited. RX300 Datasheet HTML 9Page - Fujitsu Component Limited. RX300 Datasheet HTML 10Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet Fujitsu PRIMERGY RX300 S6 Dual socket 2 U rack server
Page 9 / 10
www.fujitsu.com/fts
LAN Controller
Converged Network Adapter 2 x 10 Gb Emulex OCe10102
Ethernet Ctrl. 1 x 1 Gb Intel® Gigabit CT Desktop Adapter
Ethernet Ctrl. 1 x 1 Gb Intel® PRO/1000 PF Server Adapter
Ethernet Ctrl. 1 x 1 Gb Intel® PRO/1000 PT Server Adapter
Ethernet Ctrl. 2 x 10 Gb Fujitsu Eth Ctrl 2x10Gbit PCIe x8 D2755 SFP+ lp
Ethernet Ctrl. 2 x 1 Gb Fujitsu Eth Ctrl 2x1Gbit PCIe x4 D2735-2 Cu
Ethernet Ctrl. 4 x 1 Gb Fujitsu Eth Ctrl 4x1Gbit PCIe x4 D2745 Cu
InfiniBand HCA 1 x 40 Gb Mellanox
InfiniBand HCA 2 x 40 Gb Mellanox
LAN Controller notes
Ethernet Ctrl 1 x 1 Gb Intel® Gigabit CT Desktop Adapter requires RHEL 4.8 or higher
Graphics add on cards (optional)
NVIDIA® Quadro® NVS 300 LP, PCIe x1, 2x DVI/VGA
Rack infrastructure
Cable Arm 2U for PCR M1 S and 3rd party racks
Rackmount kit full extraction (760mm), tool less mounting
Rackmount kit full extraction (760mm), tool less mounting
Cable Management for asym. 19-inch PRIMECENTER Racks
Cable Management Arm 2U for PRIMECENTER- and 3rd-party racks
Warranty
Standard Warranty
3 years
Service level
On-site Service (depending on country)
Maintenance and Support Services - the perfect extension
Recommended Service
7x24, Onsite Response Time: 4h - For locations outside of EMEA please contact your local Fujitsu partner.
Service Lifecycle
5 years
Service Weblink
http://www.fujitsu.com/fts/services


Similar Part No. - RX300

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
RX30 RUBYCON-RX30 Datasheet
58Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30 RUBYCON-RX30 Datasheet
262Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30 RUBYCON-RX30 Datasheet
198Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Richco, Inc.
RX3030-0 RICHCO-RX3030-0 Datasheet
70Kb / 1P
   CABLE & FIBER MANAGEMENT
RX3030-4 RICHCO-RX3030-4 Datasheet
70Kb / 1P
   CABLE & FIBER MANAGEMENT
More results

Similar Description - RX300

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RX600 FUJITSU-RX600 Datasheet
187Kb / 9P
   Fujitsu PRIMERGY RX600 S6 Quad socket 4 U rack server
TX150 FUJITSU-TX150 Datasheet
184Kb / 10P
   Fujitsu PRIMERGY TX150 S7 Mono-Socket Intel짰 Xeon짰 processor server
logo
List of Unclassifed Man...
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
S7016 ETC2-S7016 Datasheet
991Kb / 2P
   High-end rack-optimized dual-socket server platform
logo
NEC
E120D-1 NEC-E120D-1 Datasheet
34Kb / 3P
   2 socket server
logo
Fujitsu Component Limit...
2800B3 FUJITSU-2800B3 Datasheet
153Kb / 7P
   FUJITSU Server PRIMEQUEST 2800B3
logo
List of Unclassifed Man...
S7076 ETC2-S7076 Datasheet
1Mb / 2P
   Rack-optimized dual-socket server implmentation for CSP deployment
S7086 ETC2-S7086 Datasheet
850Kb / 2P
   Rack-optimization dual-socket server implmentation for CSP deployment
GT62B-B7076 ETC2-GT62B-B7076 Datasheet
1Mb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for HPC Applications
logo
Fujitsu Component Limit...
M9000 FUJITSU-M9000 Datasheet
233Kb / 8P
   Fujitsu SPARC Enterprise M9000 server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com