Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX300 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # RX300
Description  Fujitsu PRIMERGY RX300 S6 Dual socket 2 U rack server
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

RX300 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  RX300 Datasheet HTML 1Page - Fujitsu Component Limited. RX300 Datasheet HTML 2Page - Fujitsu Component Limited. RX300 Datasheet HTML 3Page - Fujitsu Component Limited. RX300 Datasheet HTML 4Page - Fujitsu Component Limited. RX300 Datasheet HTML 5Page - Fujitsu Component Limited. RX300 Datasheet HTML 6Page - Fujitsu Component Limited. RX300 Datasheet HTML 7Page - Fujitsu Component Limited. RX300 Datasheet HTML 8Page - Fujitsu Component Limited. RX300 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet Fujitsu PRIMERGY RX300 S6 Dual socket 2 U rack server
Page 5 / 10
www.fujitsu.com/fts
Accessible drive bays
1 x 5.25/0.5-inch for CD-RW/DVD
1 x 3.5/0.5-inch for ServerView Local Service Panel or Local Service Display
Notes accessible drives
All possible options described in relevant system configurator.
Drive bays (Base unit specific)
Storage drive bays
6 x 3.5-inch hot-plug SAS/SATA
8 x 2.5-inch hot-plug SAS/SATA
12 x 2.5-inch hot-plug SAS/SATA
Optional accessible drives
1x 3.5/1.6-inch bay for backup devices
(occupies 2x 3.5-inch HDD)
General system information
Number of fans
5
Fan configuration
Hot-plug
Operating panel
Operating buttons
On/off switch
NMI button
Reset button
Status LEDs
System status (orange / yellow)
Identification (blue)
Hard disks access (green)
Power (amber / green)
At system rear side:
System status (orange / yellow)
Identification (blue)
LAN connection (green)
LAN speed (green / yellow)
Service display
Optional:
ServerView Local Service Panel (LSP)
ServerView Local Service Display (LSD)
BIOS
BIOS features
ROM based setup utility
Recovery BIOS
BIOS settings save and restore
Local BIOS update from USB device
Online update tools for main Windows and Linux versions
Local and remote update via ServerView Update Manager
SMBIOS V2.4
Remote PXE boot support
Remote iSCSI boot support


Similar Part No. - RX300

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
RX30 RUBYCON-RX30 Datasheet
58Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30 RUBYCON-RX30 Datasheet
262Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
RX30 RUBYCON-RX30 Datasheet
198Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Richco, Inc.
RX3030-0 RICHCO-RX3030-0 Datasheet
70Kb / 1P
   CABLE & FIBER MANAGEMENT
RX3030-4 RICHCO-RX3030-4 Datasheet
70Kb / 1P
   CABLE & FIBER MANAGEMENT
More results

Similar Description - RX300

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
RX600 FUJITSU-RX600 Datasheet
187Kb / 9P
   Fujitsu PRIMERGY RX600 S6 Quad socket 4 U rack server
TX150 FUJITSU-TX150 Datasheet
184Kb / 10P
   Fujitsu PRIMERGY TX150 S7 Mono-Socket Intel짰 Xeon짰 processor server
logo
List of Unclassifed Man...
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
S7016 ETC2-S7016 Datasheet
991Kb / 2P
   High-end rack-optimized dual-socket server platform
logo
NEC
E120D-1 NEC-E120D-1 Datasheet
34Kb / 3P
   2 socket server
logo
Fujitsu Component Limit...
2800B3 FUJITSU-2800B3 Datasheet
153Kb / 7P
   FUJITSU Server PRIMEQUEST 2800B3
logo
List of Unclassifed Man...
S7076 ETC2-S7076 Datasheet
1Mb / 2P
   Rack-optimized dual-socket server implmentation for CSP deployment
S7086 ETC2-S7086 Datasheet
850Kb / 2P
   Rack-optimization dual-socket server implmentation for CSP deployment
GT62B-B7076 ETC2-GT62B-B7076 Datasheet
1Mb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for HPC Applications
logo
Fujitsu Component Limit...
M9000 FUJITSU-M9000 Datasheet
233Kb / 8P
   Fujitsu SPARC Enterprise M9000 server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com