Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB548W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # RB548W
Description  Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RB548W Datasheet(HTML) 2 Page - Diodes Incorporated

  RB548W Datasheet HTML 1Page - Diodes Incorporated RB548W Datasheet HTML 2Page - Diodes Incorporated RB548W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RB548W
Diodes
2/2
Electrical characteristic curves(Ta=25
°C)
Fig. 1 Foward characteristics
0
200
400
600
1
10
100
FORWARD VOLTAGE : VF (mV)
0.1
0.01
125
°C
75
°C
25
°C
−25°C
0
10
20
30
40
10
100
1000
1
0.1
0.01
0.001
0.0001
REVERSE VOLTAGE : VR (V)
Fig. 2 Reverse characteristics
125
°C
75
°C
25
°C
−25°C
0
1
10
100
10
20
30
40
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
f=1.0MHz
OSC=20mV
BIAS=VR


Similar Part No. - RB548W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB548W ROHM-RB548W Datasheet
48Kb / 3P
   Schottky barrier diode
RB548W ROHM-RB548W Datasheet
170Kb / 4P
   Schottky barrier diode
RB548W ROHM-RB548W Datasheet
979Kb / 4P
   Shottky barrier diode
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Rohm
RB548W ROHM-RB548W Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB548W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com